Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA7454H Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SA7454H
Description  2횞6W AUDIO POWER AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7454H Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA7454H Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7454H Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7454H Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7454H Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7454H Datasheet HTML 5Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SA7454
PACKAGE OUTLINE
HSIP-9
Unit: mm
DIP-18IH-300-2.54
Unit: mm
Note: Silan reserves the right to make changes without notice in this specification for the improvement of the design and performance.
Silan will supply the best possible product for customers.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.10.21
Http://www.silan.com.cn
Page 5 of 5


Similar Part No. - SA7454H

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA741 POLYFET-SA741 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
SA7411S SILAN-SA7411S Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
   2CH AUDIO POWER AMPLIFIER(1W X2)
logo
NXP Semiconductors
SA741C PHILIPS-SA741C Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
More results

Similar Description - SA7454H

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com