Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA7412 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA7412
Description  2CH AUDIO POWER AMPLIFIER(1W X2)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7412 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA7412 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7412 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7412 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7412 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7412 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7412 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SA7412
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2005.11.18
Http: www.silan.com.cn
Page 2 of 7
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C, unless otherwise specified)
Characteristic
Symbol
Value
Unit
Storage Temperature
Tstg
-55 ~ +150
°C
Operating Ambient Temperature
Topr
-25 ~ +70
°C
Operating Ambient Pressure
Popr
1.013×10
5 ± 0.61×105
Pa
Operating Constant Acceleration
Gopr
9810
m/s
2
Operating Shock
Sopr
4900
m/s
2
Supply Voltage
VCC
15.0
(*)
V
Supply Current
ICC
1.5
A
Power Dissipation
PD
2
(**)
W
Operating Supply Voltage Range
VCC
7.5 ~ 13.5
V
Note: (*) No signal input;
(**) Tamb=75
°C and without heatsink.
ELECTRICAL CHARACTERISTICS (Unless otherwise specified: VCC= 9V; RL =8Ω, Tamb =25°C, f = 1kHz)
Characteristics
Symbol
Test Condition
Min. Typ. Max. Unit
Quiescent Current
ICQ
STBY/MUTE=5V; No input; VOL=0V
--
32
80
mA
Standby Current
ISTBY
STBY/MUTE=0V;No input; VOL=0V
--
5
50
µA
Stand-by On Voltage
Vstby-on
VOL=0V; No input; I_supply
50µA
0
--
0.3
V
Stand-by Off Voltage
Vstby-off
VOL=0V; No input; I_supply
14mA
1.2
--
--
V
Output End Noise Voltage
Vno
STBY/MUTE =5.0V; No input;
VOL =0V; Rg=10k
--
0.15
0.5
mVr
ms
Ripple Rejection Ratio
RR
STBY/MUTE =5.0V; VOL =0V; Rg=10k
Ω;
Vripple=1Vrms; fripple=120Hz
30
50
--
dB
Voltage Gain
GV
STBY/MUTE =5.0V;
Po=0.25W; VOL =3.3V
31.5 33.5 35.5
dB
Total Harmonic Distortion
THD
STBY/MUTE =5.0V;
Po=0.25W; VOL=3.3V
--
0.25
0.4
%
Maximum Output Power
PO
STBY/MUTE =5.0V;
THD=10%; VOL =3.3V
0.8
1.0
--
W
Mid Volume Gain
GVmid
STBY/MUTE =5.0V; VOL =1.5V
24.5 27.5 30.5
dB
Min Volume Attenuation Ratio
ATTmin
STBY/MUTE=5.0V; VOL =0V~3.3V
65
75
--
dB
Muting Ratio
MR
VOL=3.3V;STBY/MUTE=1.8V~ 5.0V
65
75
--
dB
Mute On Voltage
Mute-on
VOL=3.3V; MR
65dB
0
--
1.8
V
Mute Off Voltage
Mute-off
VOL =3.3V; GV
31.5dB
3.8
--
5.0
V
Under Voltage Lock Up
UVLO
STBY/MUTE=5.0V; ICQ<1mA; No Output
--
6.5
7.5
V
Crosstalk Between Channel A
and B
CT
STBY/MUTE =5.0V; VOL =3.3V
45
60
--
dB
Channel Balance
CB
STBY/MUTE =5.0V; VOL =3.3V
-1
0
1
dB
Monitor Output Gain
GMO
STBY/MUTE =5.0V; VOL =3.3V
-2
-0.5
2
dB
Voltage Threshold to Select Input
A
VSWA
STBY/MUTE
=5.0V;
VOL
=3.3V;
Po=0.25W
0
--
0.6
V
Voltage Threshold to Select Input
B
VSWB
STBY/MUTE
=5.0V;
VOL
=3.3V;
Po=0.25W
2.5
--
5.0
V


Similar Part No. - SA7412

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA741 POLYFET-SA741 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
SA7411S SILAN-SA7411S Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
logo
NXP Semiconductors
SA741C PHILIPS-SA741C Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
SA741CN PHILIPS-SA741CN Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
More results

Similar Description - SA7412

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7269 SILAN-SA7269 Datasheet
312Kb / 10P
   2CH AUDIO POWER AMPLIFIER(10W X2)
logo
Aplus Intergrated Circu...
AP4890B APLUS-AP4890B Datasheet
325Kb / 15P
   1W AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7116 PANASONIC-AN7116 Datasheet
87Kb / 3P
   1W AUDIO POWER AMPLIFIER CIRCUIT
logo
Princeton Technology Co...
PT2307 PTC-PT2307 Datasheet
208Kb / 4P
   1W Audio Power Integration Amplifier
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com