Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18BC Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 18BC
Description  Silicon Epitaxial Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

18BC Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  18BC Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 18BC Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 18BC Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 18/07/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Maximum Dynamic
Resistance
Maximum Standing
Dynamic Resistance
Maximum Reverse
Leakage Current
Type
Min. (V)
Max. (V)
at lZT (mA)
ZZT (Ω)
at lZT (mA)
ZZK (Ω)
at lZK (mA)
IR (µA)
at VR (V)
4V3BCC
4.34
4.53
20
40
20
1000
1
5
1
4V7BC
4.4
4.9
20
25
20
900
1
5
1
4V7BCA
4.47
4.65
20
25
20
900
1
5
1
4V7BCB
4.59
4.77
20
25
20
900
1
5
1
4V7BCC
4.71
4.91
20
25
20
900
1
5
1
5V1BC
4.8
5.4
20
20
20
800
1
5
1.5
5V1BCA
4.85
5.03
20
20
20
800
1
5
1.5
5V1BCB
4.97
5.18
20
20
20
800
1
5
1.5
5V1BCC
5.12
5.35
20
20
20
800
1
5
1.5
5V6BC
5.3
6
20
13
20
500
1
5
2.5
5V6BCA
5.29
5.52
20
13
20
500
1
5
2.5
5V6BCB
5.46
5.7
20
13
20
500
1
5
2.5
5V6BCC
5.64
5.88
20
13
20
500
1
5
2.5
6V2BC
5.8
6.6
20
10
20
300
1
5
3
6V2BCA
5.81
6.06
20
10
20
300
1
5
3
6V2BCB
5.99
6.24
20
10
20
300
1
5
3
6V2BCC
6.16
6.4
20
10
20
300
1
5
3
6V8BC
6.4
7.2
20
8
20
150
0.5
2
3.5
6V8BCA
6.32
6.59
20
8
20
150
0.5
2
3.5
6V8BCB
6.52
6.79
20
8
20
150
0.5
2
3.5
6V8BCC
6.7
6.97
20
8
20
150
0.5
2
3.5
7V5BC
7
7.9
20
8
20
120
0.5
0.5
4
7V5BCA
6.88
7.19
20
8
20
120
0.5
0.5
4
7V5BCB
7.11
7.41
20
8
20
120
0.5
0.5
4
7V5BCC
7.33
7.64
20
8
20
120
0.5
0.5
4
8V2BC
7.7
8.7
20
8
20
120
0.5
0.5
5
8V2BCA
7.56
7.9
20
8
20
120
0.5
0.5
5
8V2BCB
7.82
8.15
20
8
20
120
0.5
0.5
5
8V2BCC
8.07
8.41
20
8
20
120
0.5
0.5
5
9V1BC
8.5
9.6
20
8
20
120
0.5
0.5
6
9V1BCA
8.33
8.7
20
8
20
120
0.5
0.5
6
9V1BCB
8.61
8.99
20
8
20
120
0.5
0.5
6
9V1BCC
8.89
9.29
20
8
20
120
0.5
0.5
6
10BC
9.4
10.9
20
8
20
120
0.5
0.2
7
10BCA
9.19
9.59
20
8
20
120
0.5
0.2
7
10BCB
9.48
9.9
20
8
20
120
0.5
0.2
7
10BCC
9.82
10.3
20
8
20
120
0.5
0.2
7
11BC
10.4
11.6
10
10
10
120
0.5
0.2
8
11BCA
10.18
10.63
10
10
10
120
0.5
0.2
8
11BCB
10.5
10.95
10
10
10
120
0.5
0.2
8
11BCC
10.82
11.26
10
10
10
120
0.5
0.2
8
12BC
11.4
12.6
10
12
10
110
0.5
0.2
9
12BCA
11.13
11.63
10
12
10
110
0.5
0.2
9
12BCB
11.5
11.92
10
12
10
110
0.5
0.2
9
12BCC
11.8
12.3
10
12
10
110
0.5
0.2
9
13BC
12.4
14.1
10
14
10
110
0.5
0.2
10


Similar Part No. - 18BC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
18B LITTELFUSE-18B Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
logo
Diotec Semiconductor
18B DIOTEC-18B Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
STMicroelectronics
18B1 STMICROELECTRONICS-18B1 Datasheet
149Kb / 5P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
logo
Dallas Semiconductor
18B20 DALLAS-18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
18B20 DALLAS-18B20 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
More results

Similar Description - 18BC

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com