Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA7264B Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SA7264B
Description  2CH AUDIO POWER AMPLIFIER(25W X2 )
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7264B Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA7264B Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7264B Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7264B Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7264B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7264B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7264B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7264B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7264B Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7264B Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SA7264
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.05.25
Http: www.silan.com.cn
Page 5 of 13
POWER DISSIPATION AND HEAT SINKING
The SA7264 must always be operated with a heat sink, even when it is not required to drive a load. The idling
current of the device is 80mA, so that on a
±20V power supply an unloaded SA7264 must dissipate about 3W of
power. The 54
°C/W junction-to-ambient thermal resistance of a HSIP-11 package would cause the die
temperature to rise 162
°C above ambient, so the thermal protection circuitry will shut the amplifier down if
operation without a heat sink is attempted.
In order to determine the appropriate heat sink for a given application, the power dissipation of the SA7264 in
that application must be known. When the load is resistive, the maximum average power that the IC will be
required to dissipate is approximately:
PD(MAX)=Vs
2/
π2RL+PQ
Where VS is the total power supply voltage across the SA7264, RL is the load resistance PQ is the quiescent
power dissipation of the amplifier. The above equation is only an approximation which assume an “ideal”class B
output stage and constant power dissipation in all other parts of the circuit. The curves of “Power Dissipation vs.
Power Output”give a better representation of the behaviour of the SA7264 with various power supply voltages
and resistive loads. As an example, if the SA7264 is operated on a
±20V power supply with a resistive load of 8Ω,
it can develop up to 23W of internal power dissipation. If the die temperature is to remain below 150
°C for
ambient temperatures up to 50
°C, the total junction-to-ambient thermal resistance must be less than:
(150
°C 50°C)/23W 4.3°C/W
Using Rth(j-c) = 2
°C /W, the sum of the case-to-heat-sink interface thermal resistance and the heat-sink-to-
ambient thermal resistance must be less than 2.3
°C/W. The case-to-heat-sink thermal resistance of the HSIP-11
package varies with the mounting method used. A metal-to-metal interface will be about 1
°C /W if lubricated, and
about 1.2
°C /W if dry.
If a mica insulator is used, the thermal resistance will be about 1.6
°C /W lubricated and 3.4°C /W dry. For this
example, we assume a lubricated mica insulator between the SA7264 and the heat sink. The heat sink thermal
resistance must then be less than:
4.3
°C/W-2°C/W-1.6°C/W 0.7°C/W
This is a rather large heat sink and may not be practical in some applications. If a smaller heat sink is required
for reasons of size or cost, there is an alternative. The heat sink can be isolated from the chassis so the mica
washer is not needed. This will change the required heat sink to a 1.3
°C /W unit if the case-to-heat-sink interface
is lubricated.
The thermal requirements can become more difficult when an amplifier is driving a reactive load. For a given
magnitude of load impedance, a higher degree of reactance will cause a higher level of power dissipation within
the amplifier. As a general rule, the power dissipation of an amplifier driving a 60º reactive load (usually
considered to be a worst-case loudspeaker load) will be roughly that of the same amplifier driving the resistive
part of that load. For example, a loudspeaker may at some frequency have an impedance with a magnitude of 8
and a phase angle of 60º. The real part of this load will then be 4
Ω, and the amplifier power dissipation will
roughly follow the curve of power dissipation with a 4
Ω load.


Similar Part No. - SA7264B

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7265A SILAN-SA7265A Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7267 SILAN-SA7267 Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
SA7267A SILAN-SA7267A Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
SA7269 SILAN-SA7269 Datasheet
312Kb / 10P
   2CH AUDIO POWER AMPLIFIER(10W X2)
More results

Similar Description - SA7264B

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
   2CH AUDIO POWER AMPLIFIER(1W X2)
SA7269 SILAN-SA7269 Datasheet
312Kb / 10P
   2CH AUDIO POWER AMPLIFIER(10W X2)
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8246H TOSHIBA-TA8246H Datasheet
370Kb / 10P
   DUAL AUDIO POWER AMPLIFIER 6W x 2CH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com