Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA7264A Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SA7264A
Description  2CH AUDIO POWER AMPLIFIER(25W X2 )
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7264A Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA7264A Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7264A Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7264A Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7264A Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7264A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7264A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7264A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7264A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7264A Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SA7264
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.05.25
Http: www.silan.com.cn
Page 1 of 13
BLOCK DIAGRAM
2-CH AUDIO POWER AMPLIFIER(25W X2 )
HSIP-8
HSIP-11
HSIP-15
DESCRIPTION
The SA7264 is a monolithic integrated circuit in HSIP package, intended
for use as dual audio frequency class AB amplifier.
FEATURES
* Wide supply voltage range up to 50V ABS MAX.
* Split supply operation.
* High output power: 25 + 25W @ THD=10%,RL=8
,VS=
±20V
* Mute/stand-by function.
* Few external components.
* Short circuit protection.
* Thermal overload protection.
APPLICATIONS
* Hi-Fi music centers
* Stereo TV sets
ORDERING INFORMATION
Part No.
Package
SA7264
HSIP-8
SA7264A
HSIP-15
SA7264B
HSIP-11
Note: Figures for the SA7264.


Similar Part No. - SA7264A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7265A SILAN-SA7265A Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7267 SILAN-SA7267 Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
SA7267A SILAN-SA7267A Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
SA7269 SILAN-SA7269 Datasheet
312Kb / 10P
   2CH AUDIO POWER AMPLIFIER(10W X2)
More results

Similar Description - SA7264A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
   2CH AUDIO POWER AMPLIFIER(1W X2)
SA7269 SILAN-SA7269 Datasheet
312Kb / 10P
   2CH AUDIO POWER AMPLIFIER(10W X2)
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8246H TOSHIBA-TA8246H Datasheet
370Kb / 10P
   DUAL AUDIO POWER AMPLIFIER 6W x 2CH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com