Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP7614EC6-L Datasheet(PDF) 2 Page - Exar Corporation

Part # SP7614EC6-L
Description  Low Dropout Linear LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7614EC6-L Datasheet(HTML) 2 Page - Exar Corporation

  SP7614EC6-L Datasheet HTML 1Page - Exar Corporation SP7614EC6-L Datasheet HTML 2Page - Exar Corporation SP7614EC6-L Datasheet HTML 3Page - Exar Corporation SP7614EC6-L Datasheet HTML 4Page - Exar Corporation SP7614EC6-L Datasheet HTML 5Page - Exar Corporation SP7614EC6-L Datasheet HTML 6Page - Exar Corporation SP7614EC6-L Datasheet HTML 7Page - Exar Corporation SP7614EC6-L Datasheet HTML 8Page - Exar Corporation SP7614EC6-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Jan 09 -08 RevT
SP7612/7614 Low Dropout Linear LED driver
© 2008 EXAR Corporation
Page 2
SP7612 SP7614
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect
reliability.
ELECTRICAL SPECIFICATIONS
Specifications are at TA=25°C, VIN = 3.3 to 5.5, ENABLE =VIN,
denotes the specifications which apply over the
full operating temperature range, unless otherwise specified.
VLED1, VLED2, VLED3, VLED4 and ENABLE Voltage to GND............................................................................... -0.3V to 6V
CTRL Voltage to GND . ..................................................................................................................................... .-0.5V
Output Current (IOUT) (SP7612)……………....................................................................................................... 40mA
Output Current (IOUT) (SP7614)…..................................................................................................................... 80mA
Power Dissipation per Package - 6-pin SC-70 at TA =85°C.............................................................................. 190mW
Junction Temperature ...................................................................................................................................... +150°C
Storage Temperature.......................................................................................................................... -55°C to +150°C
ESD Level........................................................................................................................................................................................................ 4kV HBM
ESD Level........................................................................................................................................................................................................ 1kV CDM
PARAMETER
PART #
MIN
TYP
MAX
UNITS
CONDITIONS
LED Cathode Voltage
(VLED)
5.5
V
See graph for LED
Current vs. Cathode
Voltage
Ambient Temperature
-40
85
ºC
SP7612
ISET = 100µA
VLED = 300mV
Output Current
Multiplication Ratio in
Linear Region (Note1)
SP7614
140
200
260
ISET = 100µA
VLED = 150mV
SP7612
365
435
505
Output Current
Multiplication Ratio in
Saturation (Note1)
SP7614
730
870
1010
ISET = 25µA
VLED = 0.5V
LED to LED Current
Matching
-3
0.8
3
%
ISET = 100µA
VLED = 300mV
Current in OFF Mode
0.01
1
µA
VENABLE = 0.0V
Min. ENABLE ""ON
Voltage" (Note 2)
3
V
ISET = 150µA
Max. ENABLE ""OFF
Voltage" (Note 2)
0.5
V
Note 1: Output current Multiplication Ratio (ILED/ISET) is not linear. For actual ratio and ILED please refer to typical
performance characteristics on pages 4 through 7.
Note 2: ENABLE "ON" is VON/OFF where ILED1 > 20mA @ VLED1 = 0.3V.
ENABLE "OFF" is V where
I < 1μA @ V > 0.3V.


Similar Part No. - SP7614EC6-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7614EC6 SIPEX-SP7614EC6 Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614EC6/TR SIPEX-SP7614EC6/TR Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
More results

Similar Description - SP7614EC6-L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
   Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
   Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
   2-4 Channel Low Dropout Linear LED Driver
logo
Diodes Incorporated
BCR430UW6Q DIODES-BCR430UW6Q Datasheet
844Kb / 9P
   LOW DROPOUT VOLTAGE LINEAR LED DRIVER IC IN SOT26
November 2021 Rev. 3 - 2
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
   Low Dropout LED Driver
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
   2-Channel Adjustable Low Dropout High Side Linear LED Driver
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
   2 or 3 Channel Low Dropout High Side Linear LED Driver
logo
Shanghai Consonance Ele...
CN5611 CONSONANCE-CN5611 Datasheet
108Kb / 8P
   Low-Dropout High-Power LED Driver
CN5612 CONSONANCE-CN5612 Datasheet
133Kb / 8P
   Low-Dropout High-Power LED Driver
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com