Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA3375 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA3375
Description  PLL FM MULTIPLEXER STEREO DEMODULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA3375 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA3375 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA3375 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA3375 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA3375 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA3375 Datasheet HTML 5Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SA3375
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.02.03
Http: www.silan.com.cn
Page 3 of 5
PIN DESCRIPTIONS
Pin no.
Pin name
Description
1
VCC
Power supply.
2
IN
Composite input
3
SEP Adj
Connected to semi-fixed resister
4
HC constant
Connecter to capacitor
5
LOUT
Out of L channel
6
ROUT
Out of R channel
7
HCC
High –cut control
8
SNC
Stereo noise control
9
GND
Ground
10
STLED
Stereo lamp
11, 12
FILTER1
Filter of pilot detector
13
CLP
Pilot cancel adjust
14, 15
FILTER2
Filter of phase comparator
16
OSC
VCO OSC
FUNCTION DESCRIPTION
1. SNC and HCC
The SA3375 has SNC (stereo noise control) and HCC (high-cut control) terminals for improving S/N ratios
when operating in weak radio fields.
2. Pilot canceling circuit
Canceling signal is a sawtooth wave obtained by integrating a square wave that is proportionate in amplitude to
pilot level with C and R.
3. Separation adjustments
The SA3375 by itself exhibits separation only in a 25 to 30 dB range. If a phase correction circuit is provided in
the SA3375 input circuit, it can exhibit intrinsic separation characteristics, typically 50 dB.
4. VCO stopped
When applying a voltage not less than 7 V to the HCC terminal (pin 7)
VCO will be stopped and SA3375 will
work in monaural mode.


Similar Part No. - SA3375

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
More results

Similar Description - SA3375

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
   PLL FM Stereo Demodulator
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
LA3370 SANYO-LA3370 Datasheet
389Kb / 11P
   PLL FM Multiplex Stereo Demodulator for Car Stereo
logo
Hitachi Semiconductor
HA11223W HITACHI-HA11223W Datasheet
78Kb / 2P
   PLL FM Stereo Demodulator with Pilot Cancel
logo
Rohm
BA1332 ROHM-BA1332 Datasheet
169Kb / 6P
   Fm stereo demodulator
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
   Wideband PLL FM Demodulator
logo
List of Unclassifed Man...
SL1461 ETC2-SL1461 Datasheet
200Kb / 13P
   WIDEBAND PLL FM DEMODULATOR
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
   Wideband PLL FM Demodulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com