Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5358S713X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5358S713X
Description  2MHz, 500mA, SC70 Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5358S713X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5358S713X Datasheet HTML 3Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 4Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 5Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 6Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 7Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 8Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 9Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 10Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5358 • Rev. 1.0.1
7
Typical Characteristics
Unless otherwise noted, VIN = VEN = 3.6V, VOUT = 1.8V, and TA = 25°C.
Figure 13. Load Transient 0 to 150mA, 3.6VIN, 5µs/div.
Figure 14. Load Transient 50 to 250mA, 3.6VIN, 5µs/div.
Figure 15. Load Transient 200 to 500mA, 3.6VIN, 5µs/div.
Figure 16. Metallic Short Applied at VOUT,50μs/div.


Similar Part No. - FAN5358S713X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5358S713X FAIRCHILD-FAN5358S713X Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
More results

Similar Description - FAN5358S713X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5358 FAIRCHILD-FAN5358_10 Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com