Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5358S712X Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN5358S712X
Description  2MHz, 500mA, SC70 Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5358S712X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5358S712X Datasheet HTML 5Page - Fairchild Semiconductor FAN5358S712X Datasheet HTML 6Page - Fairchild Semiconductor FAN5358S712X Datasheet HTML 7Page - Fairchild Semiconductor FAN5358S712X Datasheet HTML 8Page - Fairchild Semiconductor FAN5358S712X Datasheet HTML 9Page - Fairchild Semiconductor FAN5358S712X Datasheet HTML 10Page - Fairchild Semiconductor FAN5358S712X Datasheet HTML 11Page - Fairchild Semiconductor FAN5358S712X Datasheet HTML 12Page - Fairchild Semiconductor FAN5358S712X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5358 • Rev. 1.0.1
9
Operation Description
The FAN5358 is a step-down switching voltage regulator
that delivers a fixed output from an input voltage supply of
2.7V to 5.5V. Using a proprietary architecture with
synchronous rectification, the device is capable of delivering
500mA and maintaining a very high efficiency of over 80% at
load currents as low as 1mA. The regulator operates at a
nominal frequency of 2MHz, which reduces the value of the
external components to as low as 2.2
μH for the output
inductor and 4.7µF for the output capacitor.
Control Scheme
The FAN5358 uses a proprietary, non-linear, quasi fixed-
frequency PWM modulator to deliver a fast load transient
response, while maintaining a nominal switching frequency
over a wide range of load conditions. The regulator
performance is independent of the output capacitor ESR,
allowing the use of ceramic output capacitors.
For very light loads, the device operates in discontinuous
current (DCM) single-pulse PFM mode, which produces low
output ripple compared with other PFM architectures.
Transition between PWM and PFM is near seamless,
exhibiting very little VOUT glitch.
Combined
with
exceptional
transient
response
characteristics, the very low quiescent current of the
controller (25µA) maintains high efficiency, even at very light
loads, while preserving fast transient response for
applications requiring very tight output regulation.
Enable and Soft Start
Maintaining the EN pin LOW keeps the FAN5358 in non-
switching mode in which all circuits are off and the part
draws ~50nA of current. Increasing EN above its threshold
voltage activates the part and starts the soft-start cycle.
During soft start, the output is ramped using a slow RC time
constant. This minimizes any large surge currents on the
input and prevents any overshoot of the output voltage.
Current limit is enforced in case the output cannot keep pace
with the reference or in case of a shorted output.
The current-limit fault response protects the IC in the event
of an over-current condition present during soft-start. This
protection can cause the IC to fail to start if heavy load is
applied during startup or if excessive COUT is used.
Table 2 shows combinations of COUT that allow the IC to start
successfully with the minimum RLOAD that can be supported.
Table 2. Minimum RLOAD Values for Soft-Start with
Various COUT Values
COUT
Minimum RLOAD
4.7
μF
No restriction
10
μF
VOUT / 0.40
Under-Voltage Lockout (UVLO)
When EN is HIGH, the under-voltage lockout keeps the part
from operating until the input supply voltage rises high
enough to properly operate. This ensures no misbehavior of
the regulator during startup or shutdown.
Current Limiting
A heavy load or short circuit on the output causes the current
in the inductor to increase until a maximum current threshold
is reached in the high-side switch. Upon reaching this point,
the high-side switch turns off, preventing current from
increasing further.
After 12 consecutive PWM cycles that terminate in current
limit, the IC shuts down. About 275
μs after shutting down,
the IC attempts to restart. If the fault has not cleared, the IC
continues to shut down, then attempts to restart as shown in
Figure 16.
Thermal Shutdown
When the die temperature increases, due to a heavy load
condition and/or high ambient temperature, output switching
is disabled until the die temperature falls sufficiently. The
junction temperature at which the thermal shutdown
activates is nominally 150°C with a 20°C hysteresis. Upon
cooling, the output is enabled and goes through the regular
soft start.


Similar Part No. - FAN5358S712X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5358S712X FAIRCHILD-FAN5358S712X Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
More results

Similar Description - FAN5358S712X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5358 FAIRCHILD-FAN5358_10 Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com