Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3111ESX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN3111ESX
Description  Single 1A High-Speed, Low-Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3111ESX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN3111ESX Datasheet HTML 5Page - Fairchild Semiconductor FAN3111ESX Datasheet HTML 6Page - Fairchild Semiconductor FAN3111ESX Datasheet HTML 7Page - Fairchild Semiconductor FAN3111ESX Datasheet HTML 8Page - Fairchild Semiconductor FAN3111ESX Datasheet HTML 9Page - Fairchild Semiconductor FAN3111ESX Datasheet HTML 10Page - Fairchild Semiconductor FAN3111ESX Datasheet HTML 11Page - Fairchild Semiconductor FAN3111ESX Datasheet HTML 12Page - Fairchild Semiconductor FAN3111ESX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111 • Rev. 1.0.1
9
Typical Performance Characteristics
Typical characteristics are provided at 25°C, VDD = 12V, and VXREF = 3.3V unless otherwise noted.
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
Tem perature (°C)
FAN3111E
V
IL
V
IH
0
10
20
30
40
50
60
70
46
8
10
12
14
16
18
Supply Voltage (V)
IN rise to OUT fall
IN fall to OUT
FAN3111C Inverting Input
Figure 19.
Input Threshold vs. Temperature
Figure 20.
Propagation Delay
vs. Supply Voltage
0
10
20
30
40
50
60
70
80
4
6
8
10
12
14
16
18
Supply Voltage (V)
FAN3111C Non-Inverting Input
IN Fall to OUT Fall
IN Rise to OUT Rise
0
10
20
30
40
50
60
70
80
90
4
6
8
10
1214
1618
Supply Voltage (V)
FAN3111E
IN Fall to OUT Fall
IN Rise to OUT Rise
Figure 21.
Propagation Delay
vs. Supply Voltage
Figure 22.
Propagation Delay
vs. Supply Voltage
10
12
14
16
18
20
22
24
-50
-25
0
255075
100
125
Tem perature (°C)
IN Fall to OUT Fall
IN Rise to OUT Rise
FAN3111C Non-Inverting Input
8
10
12
14
16
18
20
-50
-25
0
25
50
75
100
125
Tem perature (°C)
IN Fall to OUT Fall
IN Rise to OUT Rise
FAN3111E
Figure 23.
Propagation Delay
vs. Temperature
Figure 24.
Propagation Delays vs. Temperature


Similar Part No. - FAN3111ESX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3111ESX FAIRCHILD-FAN3111ESX Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111ESX ONSEMI-FAN3111ESX Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results

Similar Description - FAN3111ESX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com