Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E1339A1-1146T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E1339A1-1146T
Description  Silicon Medium Barrier Schottky Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E1339A1-1146T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4E1339A1-1146T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E1339A1-1146T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E1339A1-1146T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E1339A1-1146T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E1339A1-1146T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E1339A1-1146T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E1339A1-1146T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Silicon Medium Barrier Schottky Diodes
M/A-COM Products
Rev. V8
MA4E1339 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Maximum Ratings 25 °C (unless otherwise specified)
1
Electrical Specifications @ TA = +25 °C
1. Exceeding these limits may cause permanent damage.
2. Please refer to Application Note M538 for surface mounting instructions.
Parameter
Values
Operating Temperature
-55 to +125
Storage Temperature
-55 to +125
Total Power Dissipation (RF and D.C.)
250
Continuous Forward Current
30
Surge Forward Current, @ t<10 millisec
100
Soldering Temperature (Standard Part #)
+235 for 5 sec.
2
Unit
°C
°C
mW
mA
mA
°C
Soldering Temperature (RoHS Compliant Part #)
°C
+260 for 5 sec.
2
Reverse Voltage
V
20
Parameter
Condition
Symbol
Specification
Forward Voltage
IF = 1 mA
VF
410 mV max.
Delta Forward Current
IF = 1 mA
VF
20 mV max.
For series pair and unconnected pair
configurations
Forward Voltage
IF = 10 mA
VF
1.0 V max.
Total Capacitance
VR = 0 V
F = 1 MHz
CT
1.2 pF max.
Reverse Leakage Current
VR = 15 V
IR
200 nA max.
Reverse Voltage Breakdown
IR = 10 μA
VB
20 V min.


Similar Part No. - MA4E1339A1-1146T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E1339A1-1146T MA-COM-MA4E1339A1-1146T Datasheet
656Kb / 6P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1339A1-1146TSOT-323 MACOM-MA4E1339A1-1146TSOT-323 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results

Similar Description - MA4E1339A1-1146T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339_V9 MA-COM-MA4E1339_V9 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1339 MACOM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339_16 Datasheet
656Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340 Datasheet
145Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MSS40-XXX-X MA-COM-MSS40-XXX-X Datasheet
702Kb / 5P
   Medium Barrier Silicon Schottky Diodes
MA4E1338_V7 MA-COM-MA4E1338_V7 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com