Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E2514 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E2514
Description  SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E2514 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4E2514 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E2514 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E2514 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E2514 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
3
SURMOUNTTM Low and Medium Barrier Silicon
Schottky Diodes: Tee Pair
M/A-COM Products
Rev. V5
MA4E2514 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
MA4E2514L Low Barrier SPICE PARAMETERS (Per Diode) 5
Is
(nA)
Rs
(Ω)
N
Cj0
(pF)
M
Ik
(mA)
Cjpar
(pF)
Vj
(V)
FC
BV
(V)
IBV
(mA)
26
12.8
1.20
1.0 E-2
0.5
14
9.0 E-2
8.0 E-2
0.5
5.0
1.0 E-2
MA4E2514L Medium Barrier SPICE PARAMETERS (Per Diode) 5
Is
(nA)
Rs
(Ω)
N
Cj0
(pF)
M
Ik
(mA)
Cjpar
(pF)
Vj
(V)
FC
BV
(V)
IBV
(mA)
5 E-1
9.6
1.20
1.0 E-2
0.5
10
9.0 E-2
8.0 E-2
0.5
5.0
1.0 E-2
5. Spice parameters (Per Diode) are based on the MA4E2502 Series datasheet.
Circuit Mounting Dimensions (Inches)
0.013
0.020
0.020
0.020
0.020
0.013
Ordering Information
Part Number
Packaging
MA4E2514L-1116W
Wafer on Frame
MA4E2514L-1116
Die in Carrier
MA4E2514L-1116T
Surf Tape
MADS-002514-1116LP
Pocket Tape on Reel
MA4E2514M-1116W
Wafer on Frame
MA4E2514M-1116
Die in Carrier
MA4E2514M-1116T
Surf Tape
MADS-002514-1116MP
Pocket Tape on Reel


Similar Part No. - MA4E2514

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2514 MACOM-MA4E2514 Datasheet
104Kb / 4P
   SURMOUNT Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2514L MACOM-MA4E2514L Datasheet
104Kb / 4P
   SURMOUNT Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2514L-1116 MACOM-MA4E2514L-1116 Datasheet
104Kb / 4P
   SURMOUNT Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2514L-1116T MACOM-MA4E2514L-1116T Datasheet
104Kb / 4P
   SURMOUNT Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2514L-1116W MACOM-MA4E2514L-1116W Datasheet
104Kb / 4P
   SURMOUNT Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
More results

Similar Description - MA4E2514

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2514 MACOM-MA4E2514 Datasheet
104Kb / 4P
   SURMOUNT Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
logo
M/A-COM Technology Solu...
MA4E2513L-1289 MA-COM-MA4E2513L-1289 Datasheet
105Kb / 3P
   SURMOUNTTM Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
logo
Tyco Electronics
MA4E2502 MACOM-MA4E2502 Datasheet
269Kb / 4P
   SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2502 MA-COM-MA4E2502 Datasheet
115Kb / 5P
   SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
logo
Tyco Electronics
MA4E2508 MACOM-MA4E2508 Datasheet
102Kb / 4P
   SURMOUNTTM Low and Medium & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
logo
M/A-COM Technology Solu...
MA4E2508 MA-COM-MA4E2508 Datasheet
103Kb / 4P
   SURMOUNTTM Low, Medium, & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
MA4E2532 MA-COM-MA4E2532 Datasheet
108Kb / 4P
   SURMOUNTTM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
logo
Tyco Electronics
MA4E2501-1290 MACOM-MA4E2501-1290 Datasheet
106Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2501 MA-COM-MA4E2501 Datasheet
60Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
logo
Tyco Electronics
MA4E2513 MACOM-MA4E2513 Datasheet
90Kb / 3P
   SURMOUNT Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com