Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E2501-1290 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E2501-1290
Description  SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E2501-1290 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4E2501-1290 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E2501-1290 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E2501-1290 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SURMOUNTTM Low Barrier
0201 Footprint Silicon Schottky Diodes
Rev. V1
MA4E2501-1290 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications,
simulated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications
are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be
available. Commitment to produce in volume is not guaranteed.
Elecrtrical Specifications @ 25
°C
Model
Number
Type
Recommended
Frequency
Range
Vf @ 1 mA
( mV )
Vb @ 10 uA
( V )
Ct @ 0V
( pF )
Rt Slope Resistance
( Vf1–Vf2 )/(10.5mA – 9.5mA )
(
Ω )
MA4E2501L-
1290
Low
Barrier
DC – 18 GHz
330 Max
300 Typ
3 Min
5 Typ
0.12 Max
0.10 Typ
10 Typical
14 Max
Rt is the dynamic slope resistance where Rt = Rs + Rj ,
where Rj =26 / Idc ( Idc is in mA) and Rs is the Ohmic
Resistance.
Applications
The MA4E2501L-1290 SurMount Low Barrier Schottky
diodes are recommended for use in microwave circuits
through Ku band frequencies for lower power applications
such as mixers, sub-harmonic mixers, detectors and limiters.
The HMIC construction facilitates the direct replacement of
more fragile beam lead diodes with the corresponding
Surmount diode, which can be connected to a hard or soft
substrate circuit with solder. C
Handling
All semiconductor chips should be handled with care to
avoid damage or contamination from perspiration and skin
oils. The use of plastic tipped tweezers or vacuum pickups
is strongly recommended for individual components. The
top surface of the die has a protective polyimide coating to
minimize damage.
The rugged construction of these SurMount devices allows
the use of standard handling and die attach techniques. It is
important to note that industry standard electrostatic
discharge (ESD) control is required at all times, due to the
sensitive nature of Schottky junctions.
Bulk handling should insure that abrasion and mechanical
shock are minimized.
Die Bonding
Die attach for these devices is made simple through the use
of surface mount die attach technology. Mounting pads are
conveniently located on the bottom surface of these devices,
and are opposite the active junction. The devices are well
suited for high temperature solder attachment onto hard
substrates. 80Au/20Sn and Sn63/Pb37 solders are acceptable
for usage. Die attach with Electrically Conductive Silver
Epoxy is Not Recommended.
Absolute Maximum
Parameter
Value
Operating Temperature
-40
° C to + 150° C
Storage Temperature
-40
° C to + 150° C
Forward Current
20 mA
Reverse Voltage
5V
RF C.W. Incident Power
+ 20 dBm
RF & DC Dissipated Power
50 mW
Exceeding any of these values may result in permanent damage
Die Bonding
For Hard substrates, we recommend utilizing a vacuum tip
and force of 60 to 100 grams applied uniformly to the top
surface of the device, using a hot gas bonder with equal heat
applied across the bottom mounting pads of the device.
When soldering to soft substrates, it is recommended to use a
lead-tin interface at the circuit board mounting pads. Position
the die so that its mounting pads are aligned with the circuit
board mounting pads. Reflow the solder paste by applying
Equal heat to the circuit at both die-mounting pads. The
solder joint must Not be made one at a time, creating un-
equal heat flow and thermal stress. Solder reflow should Not
be performed by causing heat to flow through the top surface
of the die. Since the HMIC glass is transparent, the edges of
the mounting pads can be visually inspected through the die
after die attach is completed.


Similar Part No. - MA4E2501-1290

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2501-1290 MACOM-MA4E2501-1290 Datasheet
106Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
More results

Similar Description - MA4E2501-1290

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2501-1290 MACOM-MA4E2501-1290 Datasheet
106Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2513L-1289 MA-COM-MA4E2513L-1289 Datasheet
105Kb / 3P
   SURMOUNTTM Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
logo
Tyco Electronics
MA4E2502 MACOM-MA4E2502 Datasheet
269Kb / 4P
   SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2502 MA-COM-MA4E2502 Datasheet
115Kb / 5P
   SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
MA4E2532 MA-COM-MA4E2532 Datasheet
108Kb / 4P
   SURMOUNTTM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
MA4E2514 MA-COM-MA4E2514 Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2508 MA-COM-MA4E2508 Datasheet
103Kb / 4P
   SURMOUNTTM Low, Medium, & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
MADS-002545-1307 MA-COM-MADS-002545-1307 Datasheet
65Kb / 3P
   SURMOUNTTM Schottky Diodes
logo
Tyco Electronics
MA4E2513 MACOM-MA4E2513 Datasheet
90Kb / 3P
   SURMOUNT Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
MA4E2508 MACOM-MA4E2508 Datasheet
102Kb / 4P
   SURMOUNTTM Low and Medium & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com