Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1135 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SA1135
Description  AM RADIO IC FOR DIGITAL TUNING SYSTEM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1135 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA1135 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1135 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1135 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1135 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1135 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1135 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1135 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SA1135
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2005.02.01
Http: www.silan.com.cn
Page 5 of 7
TEST CIRCUIT 2 (VCC=8V, fr=1MHz, fm=400Hz)


Similar Part No. - SA1135

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA11 PANJIT-SA11 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Electronics ...
SA11 CHENDA-SA11 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA11 FCI-SA11 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA11 TSC-SA11 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA11 WTE-SA11 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA1135

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1140 SILAN-SA1140 Datasheet
424Kb / 6P
   FM RADIO IC FOR DIGITAL TUNING SYSTEM
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
Toshiba Semiconductor
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008AN TOSHIBA-TA2008AN_02 Datasheet
741Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TC9309F-107 TOSHIBA-TC9309F-107 Datasheet
159Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO SYSTEM
TA2149BN TOSHIBA-TA2149BN Datasheet
243Kb / 15P
   3 V AM/FM 1 Chip Tuner IC (for Digital Tuning System)
TA8132AN TOSHIBA-TA8132AN Datasheet
692Kb / 20P
   3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com