Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4V7BCB Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part No. 4V7BCB
Description  Silicon Epitaxial Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 1 page
background image
Dated : 18/07/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC Series
Silicon Epitaxial Planar Zener Diodes
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 65 to + 175
O
C
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Maximum Dynamic
Resistance
Maximum Standing
Dynamic Resistance
Maximum Reverse
Leakage Current
Type
Min. (V)
Max. (V)
at lZT (mA)
ZZT (Ω)
at lZT (mA)
ZZK (Ω)
at lZK (mA)
IR (µA)
at VR (V)
2V2BC
2.09
2.41
20
120
20
2000
1
120
0.7
2V2BCA
2.12
2.3
20
120
20
2000
1
120
0.7
2V2BCB
2.22
2.41
20
120
20
2000
1
120
0.7
2V4BC
2.3
2.64
20
100
20
2000
1
120
1
2V4BCA
2.33
2.52
20
100
20
2000
1
120
1
2V4BCB
2.43
2.63
20
100
20
2000
1
120
1
2V7BC
2.5
2.9
20
100
20
1000
1
100
1
2V7BCA
2.54
2.75
20
100
20
1000
1
100
1
2V7BCB
2.69
2.91
20
100
20
1000
1
100
1
3V0BC
2.8
3.2
20
80
20
1000
1
50
1
3V0BCA
2.85
3.07
20
80
20
1000
1
50
1
3V0BCB
3.01
3.22
20
80
20
1000
1
50
1
3V3BC
3.1
3.5
20
70
20
1000
1
20
1
3V3BCA
3.16
3.38
20
70
20
1000
1
20
1
3V3BCB
3.32
3.53
20
70
20
1000
1
20
1
3V6BC
3.4
3.8
20
60
20
1000
1
10
1
3V6BCA
3.47
3.68
20
60
20
1000
1
10
1
3V6BCB
3.62
3.83
20
60
20
1000
1
10
1
3V9BC
3.7
4.1
20
50
20
1000
1
5
1
3V9BCA
3.77
3.98
20
50
20
1000
1
5
1
3V9BCB
3.92
4.14
20
50
20
1000
1
5
1
4V3BC
4
4.5
20
40
20
1000
1
5
1
4V3BCA
4.05
4.26
20
40
20
1000
1
5
1
4V3BCB
4.2
4.4
20
40
20
1000
1
5
1
Max. 2.9
Max. 1.9
Glass Case DO-34
Max. 0.45
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl