Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4V7BCB Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part No. 4V7BCB
Description  Silicon Epitaxial Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 3 page
background image
Dated : 18/07/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Maximum Dynamic
Resistance
Maximum Standing
Dynamic Resistance
Maximum Reverse
Leakage Current
Type
Min. (V)
Max. (V)
at lZT (mA)
ZZT (Ω)
at lZT (mA)
ZZK (Ω)
at lZK (mA)
IR (µA)
at VR (V)
13BCA
12.18
12.71
10
14
10
110
0.5
0.2
10
13BCB
12.59
13.16
10
14
10
110
0.5
0.2
10
13BCC
13.03
13.62
10
14
10
110
0.5
0.2
10
15BC
13.8
15.6
10
16
10
110
0.5
0.2
11
15BCA
13.48
14.09
10
16
10
110
0.5
0.2
11
15BCB
13.95
14.56
10
16
10
110
0.5
0.2
11
15BCC
14.42
15.02
10
16
10
110
0.5
0.2
11
16BC
15.3
17.1
10
18
10
150
0.5
0.2
12
16BCA
14.87
15.5
10
18
10
150
0.5
0.2
12
16BCB
15.33
15.96
10
18
10
150
0.5
0.2
12
16BCC
15.79
16.5
10
18
10
150
0.5
0.2
12
18BC
16.8
19.1
10
23
10
150
0.5
0.2
13
18BCA
16.34
17.06
10
23
10
150
0.5
0.2
13
18BCB
16.9
17.67
10
23
10
150
0.5
0.2
13
18BCC
17.51
18.3
10
23
10
150
0.5
0.2
13
20BC
18.8
21.6
10
28
10
200
0.5
0.2
15
20BCA
18.11
18.92
10
28
10
200
0.5
0.2
15
20BCB
18.73
19.57
10
28
10
200
0.5
0.2
15
20BCC
19.38
20.22
10
28
10
200
0.5
0.2
15
20BCD
19.88
20.72
10
28
10
200
0.5
0.2
15
22BC
20.8
23.3
5
30
5
200
0.5
0.2
17
22BCA
20.23
21.08
5
30
5
200
0.5
0.2
17
22BCB
20.76
21.65
5
30
5
200
0.5
0.2
17
22BCC
21.22
22.09
5
30
5
200
0.5
0.2
17
22BCD
21.68
22.61
5
30
5
200
0.5
0.2
17
24BC
22.8
25.6
5
35
5
200
0.5
0.2
19
24BCA
22.26
23.12
5
35
5
200
0.5
0.2
19
24BCB
22.75
23.73
5
35
5
200
0.5
0.2
19
24BCC
23.29
24.27
5
35
5
200
0.5
0.2
19
24BCD
23.81
24.81
5
35
5
200
0.5
0.2
19
27BC
25.1
28.9
5
45
5
250
0.5
0.2
21
27BCA
24.26
25.52
5
45
5
250
0.5
0.2
21
27BCB
24.97
26.26
5
45
5
250
0.5
0.2
21
27BCC
25.63
26.95
5
45
5
250
0.5
0.2
21
27BCD
26.29
27.64
5
45
5
250
0.5
0.2
21
30BC
28
32
5
55
5
250
0.5
0.2
23
30BCA
26.99
28.39
5
55
5
250
0.5
0.2
23
30BCB
27.7
29.13
5
55
5
250
0.5
0.2
23
30BCC
28.36
29.82
5
55
5
250
0.5
0.2
23
30BCD
29.02
30.51
5
55
5
250
0.5
0.2
23
33BC
31
35
5
65
5
250
0.5
0.2
25
33BCA
29.68
31.22
5
65
5
250
0.5
0.2
25
33BCB
30.32
31.88
5
65
5
250
0.5
0.2
25
33BCC
30.9
32.5
5
65
5
250
0.5
0.2
25
33BCD
31.49
33.11
5
65
5
250
0.5
0.2
25
1) Tested with pulse tp = 20 ms




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl