Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4V7BCB Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part No. 4V7BCB
Description  Silicon Epitaxial Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 2 page
background image
Dated : 18/07/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Maximum Dynamic
Resistance
Maximum Standing
Dynamic Resistance
Maximum Reverse
Leakage Current
Type
Min. (V)
Max. (V)
at lZT (mA)
ZZT (Ω)
at lZT (mA)
ZZK (Ω)
at lZK (mA)
IR (µA)
at VR (V)
4V3BCC
4.34
4.53
20
40
20
1000
1
5
1
4V7BC
4.4
4.9
20
25
20
900
1
5
1
4V7BCA
4.47
4.65
20
25
20
900
1
5
1
4V7BCB
4.59
4.77
20
25
20
900
1
5
1
4V7BCC
4.71
4.91
20
25
20
900
1
5
1
5V1BC
4.8
5.4
20
20
20
800
1
5
1.5
5V1BCA
4.85
5.03
20
20
20
800
1
5
1.5
5V1BCB
4.97
5.18
20
20
20
800
1
5
1.5
5V1BCC
5.12
5.35
20
20
20
800
1
5
1.5
5V6BC
5.3
6
20
13
20
500
1
5
2.5
5V6BCA
5.29
5.52
20
13
20
500
1
5
2.5
5V6BCB
5.46
5.7
20
13
20
500
1
5
2.5
5V6BCC
5.64
5.88
20
13
20
500
1
5
2.5
6V2BC
5.8
6.6
20
10
20
300
1
5
3
6V2BCA
5.81
6.06
20
10
20
300
1
5
3
6V2BCB
5.99
6.24
20
10
20
300
1
5
3
6V2BCC
6.16
6.4
20
10
20
300
1
5
3
6V8BC
6.4
7.2
20
8
20
150
0.5
2
3.5
6V8BCA
6.32
6.59
20
8
20
150
0.5
2
3.5
6V8BCB
6.52
6.79
20
8
20
150
0.5
2
3.5
6V8BCC
6.7
6.97
20
8
20
150
0.5
2
3.5
7V5BC
7
7.9
20
8
20
120
0.5
0.5
4
7V5BCA
6.88
7.19
20
8
20
120
0.5
0.5
4
7V5BCB
7.11
7.41
20
8
20
120
0.5
0.5
4
7V5BCC
7.33
7.64
20
8
20
120
0.5
0.5
4
8V2BC
7.7
8.7
20
8
20
120
0.5
0.5
5
8V2BCA
7.56
7.9
20
8
20
120
0.5
0.5
5
8V2BCB
7.82
8.15
20
8
20
120
0.5
0.5
5
8V2BCC
8.07
8.41
20
8
20
120
0.5
0.5
5
9V1BC
8.5
9.6
20
8
20
120
0.5
0.5
6
9V1BCA
8.33
8.7
20
8
20
120
0.5
0.5
6
9V1BCB
8.61
8.99
20
8
20
120
0.5
0.5
6
9V1BCC
8.89
9.29
20
8
20
120
0.5
0.5
6
10BC
9.4
10.9
20
8
20
120
0.5
0.2
7
10BCA
9.19
9.59
20
8
20
120
0.5
0.2
7
10BCB
9.48
9.9
20
8
20
120
0.5
0.2
7
10BCC
9.82
10.3
20
8
20
120
0.5
0.2
7
11BC
10.4
11.6
10
10
10
120
0.5
0.2
8
11BCA
10.18
10.63
10
10
10
120
0.5
0.2
8
11BCB
10.5
10.95
10
10
10
120
0.5
0.2
8
11BCC
10.82
11.26
10
10
10
120
0.5
0.2
8
12BC
11.4
12.6
10
12
10
110
0.5
0.2
9
12BCA
11.13
11.63
10
12
10
110
0.5
0.2
9
12BCB
11.5
11.92
10
12
10
110
0.5
0.2
9
12BCC
11.8
12.3
10
12
10
110
0.5
0.2
9
13BC
12.4
14.1
10
14
10
110
0.5
0.2
10




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl