Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1117 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SA1117
Description  1A LDO VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1117 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA1117 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SA1117
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2009.07.22
Http:// www.silan.com.cn
Page 5 of 13
ABOSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Ratings
Unit
Input Supply Voltage
VIN
20
V
Lead Temperature (Soldering, 5 seconds)
TLead
260
°C
Operating Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Power Dissipation
PD
Internally Limited (Note1)
mW
ESD Tolerance (Minimum)
ESD
2000
V
Note1: The maximum allowable power dissipation is a function of maximum operating junction temperature TJ
(max)
, the junction to ambient thermal resistance
θJA, and the ambient temperature Tamb. The maximum
allowable power dissipation at any ambient temperature is given: PD (max) = (TJ (max) - Tamb)/
θJA, exceeding the
maximum allowable power limit will result in excessive die temperature; thus, the regulator will go into thermal
shutdown. The junction to ambient thermal resistance
θJA of different packages may be different, and the he
value of
θJA depends on mounting technique.
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Ratings
Unit
Input Voltage
VIN
15
V
Operating Junction Temperature Range
TJ
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified. Limits appearing in Boldface
type apply over the entire junction temperature range for operation, -40°C to 125°C. )
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
VREF
SA1117-ADJ,
IOUT=10mA, VIN-VOUT=2V, TJ=25
°C
10mA
≤IOUT≤1A, 1.4V≤VIN-VOUT≤10V
1.238
1.225
1.250
1.250
1.262
1.270
V
SA1117-1.2,
IOUT=10m
Α, VIN=3.2V ,TJ=25
°C
10mA≤IOUT≤1A, 3.0V≤VIN≤10V
1.176
1.152
1.2
1.2
1.224
1.248
V
SA1117-1.5,
IOUT=10m
Α, VIN=3.5V ,TJ=25
°C
10mA≤IOUT≤1A, 3.0V≤VIN≤10V
1.485
1.470
1.500
1.500
1.515
1.530
V
SA1117-1.8,
IOUT=10mA, VIN=3.8V, TJ=25
°C ,
0≤IOUT≤1A, 3.2V≤VIN≤10V
1.782
1.764
1.800
1.800
1.818
1.836
V
SA1117-2.5,
IOUT=10mA, VIN=4.5V,TJ=25
°C ,
0≤IOUT≤1A, 3.9V≤VIN ≤10V
2.475
2.450
2.500
2.500
2.525
2.550
V
Output Voltage
VOUT
SA1117-3.3,
IOUT=10mA, VIN=5V,TJ=25
°C ,
0≤IOUT≤1A, 4.75V≤VIN≤10V
3.267
3.235
3.300
3.300
3.333
3.365
V


Similar Part No. - SA1117

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
SA1117BH-ADJ SILAN-SA1117BH-ADJ Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
More results

Similar Description - SA1117

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100 Datasheet
163Kb / 15P
   1A LOW VOLTAGE U CAP LDO REGULATOR
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com