Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-6BS Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # TX-6BS
Description  TOY CAR REMOTE CONTROLLER WITH SEVEN FUNCTIONS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

TX-6BS Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  TX-6BS Datasheet HTML 1Page - Silan Microelectronics Joint-stock TX-6BS Datasheet HTML 2Page - Silan Microelectronics Joint-stock TX-6BS Datasheet HTML 3Page - Silan Microelectronics Joint-stock TX-6BS Datasheet HTML 4Page - Silan Microelectronics Joint-stock TX-6BS Datasheet HTML 5Page - Silan Microelectronics Joint-stock TX-6BS Datasheet HTML 6Page - Silan Microelectronics Joint-stock TX-6BS Datasheet HTML 7Page - Silan Microelectronics Joint-stock TX-6BS Datasheet HTML 8Page - Silan Microelectronics Joint-stock TX-6BS Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TX-6B/RX-6B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.1
2005.04.21
Http
: www.silan.com.cn
Page 2 of 12
BLOCK DIAGRAM (continued)
LRTD
VT
SI
OSCO
OSCI
GND
RIGHT
LEFT
TURBO
BACKWARD
FORWARD
VDD
Control
Logic
Decoding
Circuit
AMP
Timing
Generator
PLA
Counter
Latch
Circuit
VO2
VI2
VO1
VI1
Oscillator
F1
F2
RX-6B/RX-6BS Block Diagram
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Value
Unit
DC Supply Voltage
VDD
0.3 ~ 5.0
V
Input/Output Voltage
VIN,VOUT
GND-0.2V ~ VDD+0.2V
V
Operating Temperature
Topr
-10 ~ +60
°C
Storage Temperature
Tstg
-25~+125
°C
COMMENT
Never allow a stress to exceed the values listed under "Absolute Maximum Ratings", otherwise the device
would suffer from a permanent damage. Nor is a stress at the listed value be allowed to persist over a period,
since an extended exposure to the absolute maximum rating condition may also affect the reliability of the device,
if not causing a damage thereof.
ELECTRICAL CHARACTERISTICS
TX-6B
(VDD=9V, Fosc=128KHz, Tamb=25
°C, unless otherwise specified.)
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Operating Voltage
VDD
2.2
9.0
12.0
V
Operating Current
IDD
--
--
1.5
mA
Stand-By Current
ISTB
--
1.0
1000
µA
DC O/P Driving Current(RF)
Idrive
--
10.0
--
mA
AC O/P Driving Current(IR)
Idrive
--
6.0
--
mA
AC O/P Frequency
Faudio
--
500
--
Hz


Similar Part No. - TX-6BS

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-600 VECTRON-TX-600 Datasheet
372Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-6000-DAE-106 VECTRON-TX-6000-DAE-106 Datasheet
553Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-6000-DAE-206 VECTRON-TX-6000-DAE-206 Datasheet
553Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-6000-DAE-287 VECTRON-TX-6000-DAE-287 Datasheet
553Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-6000-DAE-466 VECTRON-TX-6000-DAE-466 Datasheet
553Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-6BS

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
TX-5B SILAN-TX-5B Datasheet
243Kb / 9P
   TOY CAR REMOTE CONTROLLER WITH NINE FUNCTIONS
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
   TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCT6 UTC-RCT6 Datasheet
251Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
List of Unclassifed Man...
RX-5 ETC-RX-5 Datasheet
145Kb / 10P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Unisonic Technologies
RCR6C UTC-RCR6C_15 Datasheet
253Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR5 UTC-RCR5 Datasheet
326Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
RX-3 SILAN-RX-3 Datasheet
67Kb / 4P
   REMOTE CONTROLLER WITH TWO FUNCTIONS
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com