Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAVR-045438-0287FT Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAVR-045438-0287FT
Description  Si Abrupt Tuning Varactor Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAVR-045438-0287FT Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAVR-045438-0287FT Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAVR-045438-0287FT Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAVR-045438-0287FT Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Si Abrupt Tuning Varactor Diode
Rev. V4
MA45400 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount Plastic Packages : SOT-23
• SPC Process for Superior C vs V and Q vs V
Repeatability
• Lead-Free (RoHs Compliant) equivalents avail-
able with 260°C reflow compatibility
Description
M/A-COM’s MA45400 series is a highly repeatable,
UHCVD/ion-implanted, abrupt silicon tuning varactor
in a cost effective surface mount package. This se-
ries of varactors is designed for general purpose
tuning in the HF to UHF frequency bands. It is effi-
cient for wide tuning across a 0-30V range. These
diodes are offered with standard Sn/Pb plating , as
well as 100% matte Sn plating on our RoHs compli-
ant equivalent devices.
Application
M/A-COM’s MA45400 series tuning varactor is use-
ful for tuning applications in the HF through UHF
ranges. Applications include VCO’s and voltage
tuned filters in radios, cable TV tuners and test in-
struments where low cost and excellent lot to lot re-
peatability are critical.
Absolute Maximum Ratings
1,2
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Reverse Voltage
30 V
Forward Current
50 mA
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-55 °C to +125 °C
Part Number
RoHS Compliant Part Number
Configuration
Package
Package Cp
(pF)
Package Ls
(nH)
MA45436-287T
MAVR-045436-0287AT
Single
SOT-23
0.12
1.3
MA45438-287T
MAVR-045438-0287AT
Single
SOT-23
0.12
1.3
MA45439-287T
MAVR-045439-0287AT
Single
SOT-23
0.12
1.3
MA45440-287T
MAVR-045440-0287AT
Single
SOT-23
0.12
1.3
MA45441-287T
MAVR-045441-0287AT
Single
SOT-23
0.12
1.3
MA45445-287T
MAVR-045445-0287AT
Single
SOT-23
0.12
1.3
MA45446-287T
MAVR-045446-0287AT
Single
SOT-23
0.12
1.3
MA45436CK-287T
MAVR-045436-0287FT
Common Cathode
SOT-23
0.12
1.3
MA45438CK-287T
MAVR-045438-0287FT
Common Cathode
SOT-23
0.12
1.3
MA45439CK-287T
MAVR-045439-0287FT
Common Cathode
SOT-23
0.12
1.3
MA45440CK-287T
MAVR-045440-0287FT
Common Cathode
SOT-23
0.12
1.3
MA45441CK-287T
MAVR-045441-0287FT
Common Cathode
SOT-23
0.12
1.3
SOT-23


Similar Part No. - MAVR-045438-0287FT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAVR-045438-0287FT MACOM-MAVR-045438-0287FT Datasheet
55Kb / 3P
   Si Abrupt Tuning Varactor Diode
logo
M/A-COM Technology Solu...
MAVR-045438-0287FT MA-COM-MAVR-045438-0287FT Datasheet
537Kb / 4P
   Lead free and RoHS Compliant
More results

Similar Description - MAVR-045438-0287FT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA45400 MA-COM-MA45400_15 Datasheet
59Kb / 3P
   Si Abrupt Tuning Varactor Diode
MA45400 MA-COM-MA45400 Datasheet
59Kb / 3P
   Si Abrupt Tuning Varactor Diode
logo
Tyco Electronics
MA45400 MACOM-MA45400 Datasheet
55Kb / 3P
   Si Abrupt Tuning Varactor Diode
logo
Advanced Semiconductor
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
MA45334 ASI-MA45334 Datasheet
20Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
PC115A ASI-PC115A Datasheet
20Kb / 1P
   SILICON ABRUPT TUNING VARACTOR
logo
Skyworks Solutions Inc.
SMV1470-004 SKYWORKS-SMV1470-004 Datasheet
153Kb / 4P
   Abrupt Junction Tuning Varactor
logo
Advanced Semiconductor
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com