Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB023040MLJY Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # 2SB023040MLJY
Description  SCHOTTKY BARRIER DIODE CHIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2SB023040MLJY Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  2SB023040MLJY Datasheet HTML 1Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SB023040MLJY
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2007.09.18
Http: www.silan.com.cn
Page 1 of 1
2SB023040MLJY SCHOTTKY BARRIER DIODE CHIPS
DESCRIPTION
Ø
2SB023040MLJY is a schottky barrier diode chips
fabricated in silicon epitaxial planar technology;
Ø
Low power losses, high efficiency;
Ø
Guard ring construction for transient protection;
Ø
High ESD capability;
Ø
High surge capability;
Ø
Packaged products are widely used in switching
power suppliers, polarity protection circuits and
other electronic circuits;
Ø
Chip Size:230
µm X 230µm;
Ø
Chip Thickness: 155±20
µm
Chip Topography and Dimensions
La: Chip Size: 230
µm;
Lb: Pad Size: 140
µm;
ORDERING SPECIFICATIONS
Product Name
Specification
2SB023040MLJY
For Au and AlSi wire bonding
package
ABSOLUTE MAXIMUM RATINGS
Parameters
Symbol
Ratings
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
40
V
Average Forward Rectified Current
IFAV
30
mA
Peak Forward Surge Current@8.3ms
IFSM
200
mA
Maximum Operation Junction Temperature
TJ
125
°C
Storage Temperature Range
TSTG
-40~125
°C
ELECTRICAL CHARACTERISTICS (Tamb=25
°C)
Parameters
Symbol
Test Conditions
Min.
Max.
Unit
Reverse Voltage
VBR
IR=0.1m
A
40
--
V
Forward Voltage
VF
IF=1mA
--
0.37
V
Reverse Current
IR
VR=30V
--
0.5
µA


Similar Part No. - 2SB023040MLJY

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2SB030070MLJY SILAN-2SB030070MLJY Datasheet
17Kb / 1P
   2SB030070MLJY SCHOTTKY BARRIER DIODE CHIPS
2SB035030MLJY SILAN-2SB035030MLJY Datasheet
18Kb / 1P
   2SB035030MLJY SCHOTTKY BARRIER DIODE CHIPS
2SB035100ML SILAN-2SB035100ML Datasheet
19Kb / 1P
   2SB035100ML SCHOTTKY BARRIER DIODE CHIPS
2SB053020MTJY SILAN-2SB053020MTJY Datasheet
19Kb / 1P
   2SB053020MTJY SCHOTTKY BARRIER DIODE CHIPS
logo
Panasonic Semiconductor
2SB0642 PANASONIC-2SB0642 Datasheet
88Kb / 4P
   Silicon PNP epitaxial planar type
More results

Similar Description - 2SB023040MLJY

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2SB075040AMLJL SILAN-2SB075040AMLJL Datasheet
55Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB082020MAJL SILAN-2SB082020MAJL Datasheet
25Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB139040ML SILAN-2SB139040ML Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB124060ML SILAN-2SB124060ML Datasheet
17Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Jinan Jingheng (Group) ...
SR620 JINANJINGHENG-SR620 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Silan Microelectronics ...
2SB075030MLJL SILAN-2SB075030MLJL Datasheet
74Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB075040ML SILAN-2SB075040ML Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Jinan Jingheng (Group) ...
SR0620 JINANJINGHENG-SR0620 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
SR1020 JINANJINGHENG-SR1020 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Silan Microelectronics ...
2SB075060ML SILAN-2SB075060ML Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB108040ML SILAN-2SB108040ML Datasheet
17Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com