Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E2502L Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E2502L
Description  SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E2502L Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4E2502L Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E2502L Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E2502L Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E2502L Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E2502L Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SURMOUNTTM Low, Medium, and High
Barrier Silicon Schottky Diodes
M/A-COM Products
Rev. V7
MA4E2502 Series
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
Features
• Extremely Low Parasitic Capitance and Induc-
tance
• Surface Mountable in Microwavable Circuits, No
Wirebonds Required
• Rugged HMIC Construction with Polyimide
Scratch Protection
• Reliable, Multilayer Metalization with a Diffusion
Barrier, 100% Stabilization Bake (300°C, 16
hours)
• Lower Susceptibility to ESD Damage
Description and Applications
The MA4E2502 SURMOUNT
TM Series Diodes are
Silicon Low, Medium, and High Barrier Schottky
Devices fabricated with the patented Heterolithic
Microwave Integrated Circuit (HMIC) process.
HMIC circuits consist of Silicon pedestals which
form diodes or via conductors embedded in a glass
dielectric, which acts as the low dispersion, micro-
strip transmission medium.
The combination of
silicon and glass allows HMIC devices to have ex-
cellent loss and power dissipation characteristics in
a low profile, reliable device.
The Surmount Schottky devices are excellent
choices for circuits requiring the small parasitics of
a beam lead device coupled with the superior me-
chanical performance of a chip.
The Surmount
structure employs very low resistance silicon vias
to connect the Schottky contacts to the metalized
mounting pads on the bottom surface of the chip.
These devices are reliable, repeatable, and a lower
cost performance solution to conventional devices.
They have lower susceptibility to electrostatic dis-
charge than conventional beam lead Schottky di-
odes.
The multilayer metallization employed in the fabri-
cation of the Surmount Schottky junctions includes
a platinum diffusion barrier, which permits all de-
vices to be subjected to a 16-hour non-operating
stabilization bake at 300°C.
The “0502” outline allows for Surface Mount place-
ment and multi-functional polarity orientations.
The MA4E2502 Family of Surmount Schottky di-
odes are recommended for use in microwave cir-
cuits through Ku band frequencies for lower power
applications such as mixers, sub-harmonic mixers,
detectors, and limiters.
The HMIC construction
facilitates the direct replacement of more fragile
beam lead diodes with the corresponding Sur-
mount diode, which can be connected to a hard or
soft substrate circuit with solder.
Case Style 1246
DIM
INCHES
MIN.
MAX.
MIN.
MAX.
A
0.0445
0.0465
1.130
1.180
B
0.0169
0.0189
0.430
0.480
C
0.0040
0.0080
0.102
0.203
D Sq.
0.0128
0.0148
0.325
0.375
E
0.0128
0.0148
0.325
0.375
MILLIMETERS


Similar Part No. - MA4E2502L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2502L MACOM-MA4E2502L Datasheet
269Kb / 4P
   SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
More results

Similar Description - MA4E2502L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2502 MACOM-MA4E2502 Datasheet
269Kb / 4P
   SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2514 MA-COM-MA4E2514 Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
logo
Tyco Electronics
MA4E2508 MACOM-MA4E2508 Datasheet
102Kb / 4P
   SURMOUNTTM Low and Medium & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
logo
M/A-COM Technology Solu...
MA4E2508 MA-COM-MA4E2508 Datasheet
103Kb / 4P
   SURMOUNTTM Low, Medium, & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
MA4E2532 MA-COM-MA4E2532 Datasheet
108Kb / 4P
   SURMOUNTTM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
logo
Tyco Electronics
MA4E2501-1290 MACOM-MA4E2501-1290 Datasheet
106Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2501 MA-COM-MA4E2501 Datasheet
60Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
MA4E2502_V9 MA-COM-MA4E2502_V9 Datasheet
115Kb / 5P
   SURMOUNTTM Low, Medium, and High
MA4E2513L-1289 MA-COM-MA4E2513L-1289 Datasheet
105Kb / 3P
   SURMOUNTTM Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com