Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-007107-0GPDIE Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007107-0GPDIE
Description  GaAs Broadband SPDT Switch DC - 8.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007107-0GPDIE Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW-007107-0GPDIE Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007107-0GPDIE Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007107-0GPDIE Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007107-0GPDIE Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs Broadband SPDT Switch
DC - 8.0 GHz
Rev. V5
MASW-007107
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Isolation vs. Frequency
Insertion Loss vs. Frequency
Return Loss vs. Frequency
EVM vs. Pout @ 2.4 GHz
Lead Free 2 mm 8-lead PDFN
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
-30
-25
-20
-15
-10
-5
0
02468
10
+25°C
-40°C
+85°C
Frequency (GHz)
0
10
20
30
40
50
02
468
10
+25°C
-40°C
+85°C
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
024
68
10
+25°C
-40°C
+85°C
Frequency (GHz)
0
2
4
6
8
10
0
5
10
15
20
25
30
35
EVM @ 3 V
EVM @ 5 V
EVM @ 8 V
Pout (dBm)


Similar Part No. - MASW-007107-0GPDIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007107-0GPDIE MA-COM-MASW-007107-0GPDIE Datasheet
718Kb / 6P
   GaAs Broadband SPDT Switch
More results

Similar Description - MASW-007107-0GPDIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007107 MACOM-MASW-007107 Datasheet
193Kb / 4P
   GaAs Broadband SPDT Switch DC - 8.0 GHz
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
Tyco Electronics
MASW-007588 MACOM-MASW-007588 Datasheet
89Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MACOM-MASWSS0070 Datasheet
119Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com