Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-004103-1365 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-004103-1365
Description  HMICTM Silicon PIN Diode SP4T Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-004103-1365 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW-004103-1365 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-004103-1365 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-004103-1365 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-004103-1365 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-004103-1365 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-004103-1365 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-004103-1365 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-004103-1365 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Silicon SP4T Surface Mount HMIC PIN Diode Switch
RoHS Compliant
Rev. V5
MASW-004103-1365
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Condition of
RF Output
Condition of
RF Output
Condition of
RF Output
Condition of
RF Output
B2
B3
B4
B5
J1-J2
J1-J3
J1-J4
J1-J5
-15V at -20mA 5
6V at +20mA
6v at +20mA
6V at +20mA
Low Loss
Isolation
Isolation
Isolation
6V at +20mA
-15V at -20mA 5
6V at +20mA
6V at +20mA
Isolation
Low Loss
Isolation
Isolation
Control Level
(DC Currents and Voltages)
6V at +20mA
6V at +20mA
-15V at -20mA 5
6V at +20mA
Isolation
Isolation
Low Loss
Isolation
6V at +20mA
6V at +20mA
6V at +20mA
-15V at -20mA 5
Isolation
Isolation
Isolation
Low Loss
Bias Control
Optimal operation of the MASW-004103-1365 is achieved by simultaneous application of negative DC voltage
and current to the low loss switching arm and positive DC voltage and current to the remaining switching arms
as shown in the applications circuit below. DC return is achieved via R2 on the RFC path. In the low loss state,
the series diode must be forward biased with current and the shunt diode reverse biased with voltage. In the iso-
lated arm, the shunt diode is forward biased with current and the series diode is reverse biased with voltage.
Driver Connections
Application Circuit 6,7,8,9,10
Notes:
6.
Assume Vf ~ 1V at 20mA
7.
R1 = 5V / 0.02A = 250Ω; R2 = 9V / 0.02A = 450Ω
8.
PR1 = 0.02A x 0.02A x 250 = 0.1 W
9.
PR2 = 0.02A x 0.02A x 450 = 0.18 W
10. Inductors shown in the above schematic are RF bias chokes. The operating bandwidth of a broad-band PIN diode switch is often
dependent on the bias components, particularly the RF bias chokes. It is suggested that the response at the frequencies of interest
be measured with all the bias components in place prior to installing of MASW-004103-1365.
Example:
J1 to J2→ Low Loss
R1 = 250
R2 = 450Ω
B2 = -15V
B3, B4, B5 = 6V
5.
The voltage applied to the off arm is allowed to vary provided a constant current is applied through the shunt diode on the off arm.


Similar Part No. - MASW-004103-1365

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
340Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
608Kb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004103-13650G MA-COM-MASW-004103-13650G Datasheet
1Mb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004103-13650P MA-COM-MASW-004103-13650P Datasheet
1Mb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004103-13655P MA-COM-MASW-004103-13655P Datasheet
1Mb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
More results

Similar Description - MASW-004103-1365

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004103-1365_V4 MA-COM-MASW-004103-1365_V4 Datasheet
340Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364_V2 MA-COM-MASW-003103-1364_V2 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MA4SW410 MA-COM-MA4SW410 Datasheet
445Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
507Kb / 7P
   HMIC??SP4T Silicon PIN Diode Switch
MA4SW410 MA-COM-MA4SW410_14 Datasheet
810Kb / 6P
   HMIC Silicon SP4T PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
   HMIC SP4T Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com