Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3078EEN-L Datasheet(PDF) 6 Page - Exar Corporation

Part # SP3078EEN-L
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3078EEN-L Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP3078EEN-L Datasheet HTML 2Page - Exar Corporation SP3078EEN-L Datasheet HTML 3Page - Exar Corporation SP3078EEN-L Datasheet HTML 4Page - Exar Corporation SP3078EEN-L Datasheet HTML 5Page - Exar Corporation SP3078EEN-L Datasheet HTML 6Page - Exar Corporation SP3078EEN-L Datasheet HTML 7Page - Exar Corporation SP3078EEN-L Datasheet HTML 8Page - Exar Corporation SP3078EEN-L Datasheet HTML 9Page - Exar Corporation SP3078EEN-L Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
6
RECEIVER SWITCHING CHaRaCTERISTICS
DRIVER SWITCHING CHaRaCTERISTICS
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC.
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC.
SP3073E, SP3074E & SP3075E Driver Switching Characteristics
DRIVER CHARACTERISTICS:
Conditions
Min. Typ. Max. Unit
Data Signaling Rate
Duty Cycle 40 to 60%
500
Kbps
Driver Propagation Delay (tPHL, tPLH)
RL = 54Ω, CL = 50pF,
Figure 2 & 3
180
800
ns
Driver Output Rise/Fall Time (tR, tF)
200
800
ns
Driver Differential Skew (tPLH – tPHL)
100
ns
Driver Enable to Output High (tZH)
RL = 500Ω, CL = 50pF,
Figure 4 & 5
2500 ns
Driver Enable to Output Low (tZL)
2500 ns
Driver Disable from Output High (tHZ)
100
ns
Driver Disable from Output Low (tLZ)
100
ns
Driver Enable from Shutdown to Output
High (tZH(SHDN))
Figure 4
4500 ns
Driver Enable from Shutdown to Output
Low (tZL(SHDN))
Figure 5
4500 ns
Time to Shutdown (tSHDN)
50
200 600
ns
SP3073E, SP3074E & SP3075E Receiver Switching Characteristics
RECEIVER CHARACTERISTICS:
Conditions
Min. Typ. Max. Unit
Data Signaling Rate
Duty Cycle 40 to 60%
500
Kbps
Receiver Propagation Delay (tPLH, tPHL)
Cl=15pF, Figure 6 & 7
200
ns
Propagation Delay Skew (tPLH, tPHL)
30
ns
Receiver Enable to Output High (tZH)
Figure 8
50
ns
Receiver Enable to Output Low (tZL)
Figure 8
50
ns
Receiver Disable from Output High (tHZ)
Figure 8
50
ns
Receiver Disable from Output Low (tLZ)
Figure 8
50
ns
Receiver Enable from Shutdown to Output
High
Figure 8
4000 ns
Receiver Enable from Shutdown to Output
Low
Figure 8
4000 ns
Time to Shutdown (tSHDN)
50
200 600
ns


Similar Part No. - SP3078EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3078EEN SIPEX-SP3078EEN Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3078EEN/TR SIPEX-SP3078EEN/TR Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
More results

Similar Description - SP3078EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3070-3078E SIPEX-SP3070-3078E_08 Datasheet
198Kb / 19P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Sipex Corporation
SP1486E SIPEX-SP1486E Datasheet
727Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com