Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3078EEN-L Datasheet(PDF) 11 Page - Exar Corporation

Part # SP3078EEN-L
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3078EEN-L Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP3078EEN-L Datasheet HTML 7Page - Exar Corporation SP3078EEN-L Datasheet HTML 8Page - Exar Corporation SP3078EEN-L Datasheet HTML 9Page - Exar Corporation SP3078EEN-L Datasheet HTML 10Page - Exar Corporation SP3078EEN-L Datasheet HTML 11Page - Exar Corporation SP3078EEN-L Datasheet HTML 12Page - Exar Corporation SP3078EEN-L Datasheet HTML 13Page - Exar Corporation SP3078EEN-L Datasheet HTML 14Page - Exar Corporation SP3078EEN-L Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
FIGuRE 8. RECEIVER ENaBlE & DISaBlE TIMING DIaGRaM
FIGuRE 7. RECEIVER ENaBlE & DISaBlE TIMES TEST CIRCuIT
1.5V
-1.5V
S3
A
GENERATOR
50Ω
CL = 15pF
R
1kΩ
S1
S2
VCC
B
RE
3V
0V
1.5V
VCC
RE
OUT
S1 is closed, S2 is open, S3 = -1.5V
tZL,tZL(SHDN)
VOL= VCC/2
VOL
3V
0V
1.5V
VCC
RE
OUT
S1 is closed, S2 is open, S3 = -1.5V
tLZ
VOL
0.25V
3V
1.5V
0V
RE
OUT
S1 is open S2 is closed S3 = 1.5V
VOH
tHZ
0.25V
3V
1.5V
0V
RE
OUT
S1 is open S2 is closed S3 = 1.5V
VOH
tZH,tZH(SHDN)
VOH/2


Similar Part No. - SP3078EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3078EEN SIPEX-SP3078EEN Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3078EEN/TR SIPEX-SP3078EEN/TR Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
More results

Similar Description - SP3078EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3070-3078E SIPEX-SP3070-3078E_08 Datasheet
198Kb / 19P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Sipex Corporation
SP1486E SIPEX-SP1486E Datasheet
727Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com