Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-002100-11910W Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-002100-11910W
Description  HMIC??Silicon PIN Diode Switches RoHs Compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-002100-11910W Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-002100-11910W Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-002100-11910W Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-002100-11910W Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-002100-11910W Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-002100-11910W Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-002100-11910W Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-002100-11910W Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-002100-11910W Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-002100-11910W Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
HMIC™ Silicon PIN Diode Switches
RoHs Compliant
Rev. V6
MASW-001100-1190
MASW-002100-1191
MASW-003100-1192
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
♦ Broad Bandwidth
♦ Specified from 50MHz to 20GHz
♦ Usable from 50MHz to 26.5GHz
♦ Lower Insertion Loss / Higher Isolation
than pHempt
♦ Rugged
♦ Fully Monolithic,
♦ Glass Encapsulated Construction
♦ Up to +33dBm C.W. Power Handling
Description
The MASW-001100-1190, MASW-002100-1191 and
MASW-003100-1192 are broadband monolithic
switches using series and shunt connected silicon
PIN diodes. They are designed for use as 2W, high
performance
switches
in
applications
up
to
26.5GHz. They provide performance levels superior
to
those
realized
by
hybrid
MIC
designs
incorporating beamlead and PIN chip diodes that
require chip and wire assembly.
These switches are fabricated using M/A-COM’s
patented HMICTM (Heterolithic Microwave Integrated
Circuit) process, US Patent 5,268,310. This process
allows the incorporation of silicon pedestals that
form series and shunt diodes or vias by imbedding
them in low loss, low dispersion glass. By using
small spacing between elements, this combination
of silicon and glass gives HMIC devices low loss
and high isolation performance through low
millimeter frequencies.
Large bond pads facilitate the use of low inductance
ribbon leads, while gold backside metallization
allows for manual or automatic chip bonding via
80/20, AuSn solder or conductive Ag epoxy.
Parameter
Absolute Maximum
Operating Temperature
-65oC to +125oC
Storage Temperature
-65oC to +150oC
Junction Temperature
+175oC
Applied Reverse Voltage
| - 50V |
RF C.W. Incident Power
+33dBm C.W.
Bias Current +25°C
±20mA
MASW-001100-1190
Max operating Conditions for a Combination of
RF Power, D.C. Bias and Temperature:
+33dBm CW @ 15mA (per diode) @+85°C
MASW-002100-1191
MASW-003100-1192


Similar Part No. - MASW-002100-11910W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-002100-1191 MACOM-MASW-002100-1191 Datasheet
297Kb / 8P
   Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MASW-002100-1191 MA-COM-MASW-002100-1191 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-002100-1191 MA-COM-MASW-002100-1191 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
More results

Similar Description - MASW-002100-11910W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW110 MA-COM-MA4SW110 Datasheet
302Kb / 8P
   HMIC??Silicon PIN Diode Switches RoHS Compliant
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MA4SW510 MA-COM-MA4SW510 Datasheet
489Kb / 7P
   HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
   HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
   HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-001100-002100-003100 MA-COM-MASW-001100-002100-003100 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com