Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-003103-1364 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-003103-1364
Description  HMICTM Silicon PIN Diode SP3T Switch 50 MHz - 20 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-003103-1364 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  MASW-003103-1364 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
HMICTM Silicon PIN Diode SP3T Switch
50 MHz - 20 GHz
Rev. V2
MASW-003103-1364
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
A
Reel Information
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
6.980
7.019
177.3
178.3
B
.059
.098
1.5
2.5
C
.504
.520
12.8
13.2
D
.795
.815
20.2
20.7
W1
.331
.337
8.4
8.55
W2
—-
.567
—-
14.4
N
2.146
2.185
54.5
55.5


Similar Part No. - MASW-003103-1364

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-13640G MA-COM-MASW-003103-13640G Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-13640G MA-COM-MASW-003103-13640G Datasheet
1Mb / 9P
   Low Parasitic Capacitance and Inductance
MASW-003103-13640P MA-COM-MASW-003103-13640P Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
More results

Similar Description - MASW-003103-1364

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
378Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch 50 MHz - 20 GHz
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-1364_V2 MA-COM-MASW-003103-1364_V2 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MASW-004103-1365_V4 MA-COM-MASW-004103-1365_V4 Datasheet
340Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com