Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW65-0214 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # SW65-0214
Description  GaAs SP3T Absorptive Switch with ASIC Driver, DC-3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW65-0214 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SW65-0214 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW65-0214 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW65-0214 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW65-0214 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs SP3T Absorptive Switch with
ASIC Driver, DC-3.0 GHz
Rev. V7
SW65-0214
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Isolation Loss vs. Frequency
RFC VSWR vs. Frequency
RF1-RF3 VSWR vs. Frequency
Insertion Loss vs. Frequency
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
-55C
25C
85C
0
10
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
ON
OFF
Typical Performance Curves


Similar Part No. - SW65-0214

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0214 MACOM-SW65-0214 Datasheet
211Kb / 2P
   GaAs SP3T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0214 MA-COM-SW65-0214 Datasheet
87Kb / 4P
   Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW65-0214-TB MACOM-SW65-0214-TB Datasheet
211Kb / 2P
   GaAs SP3T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0214TR MACOM-SW65-0214TR Datasheet
211Kb / 2P
   GaAs SP3T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
More results

Similar Description - SW65-0214

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0214 MACOM-SW65-0214 Datasheet
211Kb / 2P
   GaAs SP3T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007074 MA-COM-MASW-007074_15 Datasheet
644Kb / 5P
   GaAs SP3T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007074-000100 MA-COM-MASW-007074-000100 Datasheet
110Kb / 4P
   GaAs SP3T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
MASW-007074-000100 MACOM-MASW-007074-000100 Datasheet
190Kb / 4P
   GaAs SP3T Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
   GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007072-000100 MA-COM-MASW-007072-000100 Datasheet
130Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW65-0114 MACOM-SW65-0114 Datasheet
211Kb / 2P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0313 MACOM-SW65-0313 Datasheet
251Kb / 3P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
   GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com