Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3085EEN-L Datasheet(PDF) 7 Page - Exar Corporation

Part # SP3085EEN-L
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085EEN-L Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP3085EEN-L Datasheet HTML 3Page - Exar Corporation SP3085EEN-L Datasheet HTML 4Page - Exar Corporation SP3085EEN-L Datasheet HTML 5Page - Exar Corporation SP3085EEN-L Datasheet HTML 6Page - Exar Corporation SP3085EEN-L Datasheet HTML 7Page - Exar Corporation SP3085EEN-L Datasheet HTML 8Page - Exar Corporation SP3085EEN-L Datasheet HTML 9Page - Exar Corporation SP3085EEN-L Datasheet HTML 10Page - Exar Corporation SP3085EEN-L Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
TYPICAL PERFORMANCE CHARACTERISTICS
TIMING CHARACTERISTICS
200
225
250
275
300
325
350
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
DE = Vcc
DE = GND
500
550
600
650
700
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
No-Load Supply Current vs Temperature
0.1
1
10
100
1000
1
10
100
1000
Signaling Rate (kbps)
Driver and Receiver
Receiver
No Load
VCC=5V
TA=25ºC
50% Square wave input
0.1
1
10
100
1000
1
10
100
1000
Signaling Rate (kbps)
Receiver
Driver and Receiver
No Load
VCC=5V
TA=25ºC
50% Square wave input
0.1
1
10
100
1
10
100
1000
10000
100000
Signaling Rate (kbps)
Receiver
Driver and Receiver
No Load
VCC=5V
TA=25ºC
50% Square wave input
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
Output Low Voltage (V)
Shutdown Current vs Temperature
Supply Current vs Signaling Rate
(SP3080-SP3082)
Supply Current vs Signaling Rate
(SP3083 - SP3085)
Output Current vs Driver Output Low Voltage
Supply Current vs Signaling Rate
(SP3086-SP3088)


Similar Part No. - SP3085EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3085EEN SIPEX-SP3085EEN Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3085EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com