Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3085EEN-L Datasheet(PDF) 6 Page - Exar Corporation

Part # SP3085EEN-L
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085EEN-L Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP3085EEN-L Datasheet HTML 2Page - Exar Corporation SP3085EEN-L Datasheet HTML 3Page - Exar Corporation SP3085EEN-L Datasheet HTML 4Page - Exar Corporation SP3085EEN-L Datasheet HTML 5Page - Exar Corporation SP3085EEN-L Datasheet HTML 6Page - Exar Corporation SP3085EEN-L Datasheet HTML 7Page - Exar Corporation SP3085EEN-L Datasheet HTML 8Page - Exar Corporation SP3085EEN-L Datasheet HTML 9Page - Exar Corporation SP3085EEN-L Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
6
TIMING CHARACTERISTICS
SP3080E, SP3081E, SP3082E
Conditions
Min. Typ. Max. Unit
DRIVER CHARACTERISTICS:
Data Signaling Rate (1 / tUI)
Duty Cycle 40 to 60%
115
Kbps
Driver Propagation Delay (tPHL, tPLH)
RL = 54Ω, CL = 50pF,
500
2600 ns
Driver Output Rise/Fall Time (tR, tF)
667 1200 2500 ns
Driver Differential Skew (tPLH – tPHL)
±200 ns
Driver Enable to Output High (tDZH)
SP3080E, SP3081E
3500 ns
Driver Enable to Output Low (tDZL)
3500 ns
Driver Disable from Output High (tDHZ)
100 ns
Driver Disable from Output Low (tDLZ)
100 ns
Shutdown to Driver Output Valid (tDZV)
6000 ns
SP3083E, SP3084E, SP3085E
Conditions
Min. Typ. Max. Unit
DRIVER CHARACTERISTICS:
Data Signaling Rate (1/ tUI)
Duty Cycle 40 to 60%
500
Kbps
Driver Propagation Delay (tPHL, tPLH)
RL = 54Ω, CL = 50pF,
250
1000 ns
Driver Output Rise/Fall Time (tR, tF)
200 530 750
ns
Driver Differential Skew (tPLH – tPHL)
±100 ns
Driver Enable to Output High (tDZH)
SP3083E, SP3084E
2500 ns
Driver Enable to Output Low (tDZL)
2500 ns
Driver Disable from Output High (tDHZ)
100
ns
Driver Disable from Output Low (tDLZ)
100
ns
Shutdown to Driver Output Valid (tDZV)
4500 ns
SP3086E, SP3087E, SP3088E
Conditions
Min. Typ. Max. Unit
DRIVER CHARACTERISTICS:
Data Signaling Rate (1 / tUI)
Duty Cycle 40 to 60%
20
Mbps
Driver Propagation Delay (tPHL, tPLH)
RL = 54Ω, CL = 50pF,
12
20
ns
Driver Output Rise/Fall Time (tR, tF)
6
10
ns
Driver Differential Skew (tPLH – tPHL)
±5
ns
Driver Enable to Output High (tDZH)
SP3086E, SP3087E
150
ns
Driver Enable to Output Low (tDZL)
150
ns
Driver Disable from Output High (tDHZ)
50
ns
Driver Disable from Output Low (tDLZ)
50
ns
Shutdown to Driver Output Valid (tDZZV)
250
ns
Receiver CHARACTERISTICS:
Conditions
Min. Typ. Max. Unit
Receiver Prop. Delay SP3080E - SP3085E CL = 15pF, VID = ±2V,
75 200
ns
Receiver Prop. Delay SP3086E - SP3088E
75
ns
Prop. Delay Skew SP3080E-SP3085E
±30
ns
Prop. Delay Skew SP3086E-SP3088E
±5
ns
Receiver Output Rise/Fall Time
CL = 15pf
15
ns
Receiver Enable to Output High (tZH)
50
ns
Receiver Enable to Output Low (tZL)
50
ns
Receiver Disable from High (tHZ)
50
ns
Receiver Disable from Low (tLZ)
50
ns
Shutdown to Receiver Output Valid (tROV)
3500 ns
Time to Shutdown (Note 2,3,4)
50
200 600
ns
Unless otherwise noted Vcc= +5.0±0.5V, ambient temperature T
a from -40 to +85ºC


Similar Part No. - SP3085EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3085EEN SIPEX-SP3085EEN Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3085EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com