Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3496EEN-L Datasheet(PDF) 11 Page - Exar Corporation

Part # SP3496EEN-L
Description  HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3496EEN-L Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP3496EEN-L Datasheet HTML 7Page - Exar Corporation SP3496EEN-L Datasheet HTML 8Page - Exar Corporation SP3496EEN-L Datasheet HTML 9Page - Exar Corporation SP3496EEN-L Datasheet HTML 10Page - Exar Corporation SP3496EEN-L Datasheet HTML 11Page - Exar Corporation SP3496EEN-L Datasheet HTML 12Page - Exar Corporation SP3496EEN-L Datasheet HTML 13Page - Exar Corporation SP3496EEN-L Datasheet HTML 14Page - Exar Corporation SP3496EEN-L Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SP3495E-3497E
11
REV. 1.0.0
HIGH SPEED +3.3V RS-485/RS-422 TRANSCEIVERS WITH +/-15KV ESD PROTECTION AND ADVANCED FAILSAFE
FIGURE 11. DRIVER ENABLE AND DISABLE TIMING DIAGRAM 2
FIGURE 12. RECEIVER PROPAGATION DELAY TEST CIRCUIT
FIGURE 13. RECEIVER PROPAGATION DELAY TIMING DIAGRAM
DE
Vcc OUT
Vcc/2
t
ZL, tZL(SHDN)
V
OM = (VOL + Vcc)/2
tLZ
0.25V
Vcc
0
V
OL
OUT
R
A
B
VID
RE
C
L
15pF
B
A
OUT
tPHL
tPLH
+1V
-1V
V
OH
V
OL
1.5V


Similar Part No. - SP3496EEN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3496EENL EXAR-SP3496EENL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - SP3496EEN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
XR5486E EXAR-XR5486E Datasheet
933Kb / 23P
   ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND 15KV ESD-PROTECTION
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3535E MAXIM-MAX3535E_14 Datasheet
645Kb / 26P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with ±15kV ESD Protection
Rev 0; 4/04
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com