Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3496E Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3496E
Description  HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3496E Datasheet(HTML) 1 Page - Exar Corporation

  SP3496E Datasheet HTML 1Page - Exar Corporation SP3496E Datasheet HTML 2Page - Exar Corporation SP3496E Datasheet HTML 3Page - Exar Corporation SP3496E Datasheet HTML 4Page - Exar Corporation SP3496E Datasheet HTML 5Page - Exar Corporation SP3496E Datasheet HTML 6Page - Exar Corporation SP3496E Datasheet HTML 7Page - Exar Corporation SP3496E Datasheet HTML 8Page - Exar Corporation SP3496E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
SP3495E-3497E
HIGH SPEED +3.3V RS-485/RS-422 TRANSCEIVERS WITH +/-15KV ESD PROTECTION AND
ADVANCED FAILSAFE
MAY 2009
REV. 1.0.0
GENERAL DESCRIPTION
The SP3495E - SP3497E transceivers are suitable
for
high
speed
bidirectional
communication
on
multipoint bus transmission lines. They are designed
for balanced data transmission and comply with both
RS-485 and RS-422 EIA standards. Each device
contains one differential driver and one differential
receiver
Driver differential outputs and receiver differential
inputs are connected internally to form a half-duplex
input/output to the RS-485 bus. Separate RE and DE
pins enable and disable the driver and receiver
independently or may be
externally connected
together as a direct control. The device enters a low
power shutdown mode if both driver and receiver are
disabled. the bus-pin outputs of disabled or powered
down devices are in high impedance state. The high
impedance driver output is maintained over the entire
common-mode voltage range of -7V to +12V.
SP3495E - SP3497E operates from a single 3.3V
power supply. SP3495E - SP3497E transceivers load
the data bus only half as much as a standard RS-485
unit load. This allows up to 64 devices to be
connected simultaneously on a bus without violating
required RS-485 signal margin and without using
repeaters. Excessive power dissipation caused by
bus contention or by shorting outputs to ground or a
voltage source is prevented by short circuit protection
and thermal shutdown. This feature forces the driver
output into high impedance state if the absolute value
of the output current exceeds 250mA or if junction
temperature exceeds 165°C. Receivers will fail-safe
to a logic high output state if the inputs are
unconnected (floating) or shorted. All RS-485 inputs
and outputs are ESD protected up to +/-15kV Human
Body Model.
FEATURES
3.3V Single Supply Operation
High Speed up to 32Mbps
Robust +/-15kV ESD protection
Hot Swap glitch protection
Advanced Fail-safe Receiver Inputs
Half Unit Load, 64 Transceivers on bus
Driver short circuit current limit and thermal
shutdown for overload protection
Low Current 1uA shutdown mode
TYPICAL APPLICATIONS
Factory Automation Controls
Motor Control
Industrial Process Control
Building Automation
Security Systems
Remote Utility Meter Reading
Long or un-terminated transmission lines
FIGURE 1. TYPICAL APPLICATION CIRCUIT


Similar Part No. - SP3496E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3496E EXAR-SP3496E Datasheet
177Kb / 6P
   ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
SP3496EENL EXAR-SP3496EENL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - SP3496E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
XR5486E EXAR-XR5486E Datasheet
933Kb / 23P
   ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND 15KV ESD-PROTECTION
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3535E MAXIM-MAX3535E_14 Datasheet
645Kb / 26P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with ±15kV ESD Protection
Rev 0; 4/04
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com