Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA81-2 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMA81-2
Description  Cascadable Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA81-2 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA81-2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA81-2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
20 to 500 MHz
Rev. V3
A81-2 / SMA81-2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
10-500
20-500
20-500
Small Signal Gain (min)
dB
24.5
23.0
22.5
Gain Flatness (max)
dB
±0.2
±0.5
±0.7
Reverse Isolation
dB
33
Noise Figure (max)
dB
3.0
3.5
4.0
Power Output
@ 1 dB comp. (min)
dBm
15.0
14.0
13.5
IP3
dBm
+28
IP2
dBm
+35
Second Order Harmonic IP
dBm
+41
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
29
31
33
Features
• HIGH OUTPUT POWER: +15.0 dBm (TYP.)
• HIGH EFFICIENCY: 29 mA @ +15 Vdc (TYP.)
• LOW NOISE 2.9 dB (TYP.)
• HIGH GAIN: >24.5 dB (TYP.)
Description
The A81-2 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays
impressive performance over a broadband frequency range.
An isolation transformer is used in the feedback loop, with the
benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A81-2
TO-8
SMA81-2
Surface Mount
CA81-2**
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
171ºC/W
Transistor Power Dissipation Pd
0.145 W
Junction Temperature Rise
Above Case Tjc
25ºC
* Over temperature performance limits for part number CA81-2, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - SMA81-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA81-2 MACOM-SMA81-2 Datasheet
100Kb / 1P
   20 TO 500 MHz CASCADABLE AMPLIFIER
SMA81-2 MACOM-SMA81-2 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
SMA81-2 MA-COM-SMA81-2 Datasheet
647Kb / 3P
   Cascadable Amplifier
More results

Similar Description - SMA81-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com