Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP504MCM-L Datasheet(PDF) 3 Page - Exar Corporation

Part # SP504MCM-L
Description  WAN Multi-Mode Serial Transceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504MCM-L Datasheet(HTML) 3 Page - Exar Corporation

  SP504MCM-L Datasheet HTML 1Page - Exar Corporation SP504MCM-L Datasheet HTML 2Page - Exar Corporation SP504MCM-L Datasheet HTML 3Page - Exar Corporation SP504MCM-L Datasheet HTML 4Page - Exar Corporation SP504MCM-L Datasheet HTML 5Page - Exar Corporation SP504MCM-L Datasheet HTML 6Page - Exar Corporation SP504MCM-L Datasheet HTML 7Page - Exar Corporation SP504MCM-L Datasheet HTML 8Page - Exar Corporation SP504MCM-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
SPECIFICATIONS
T
A = +25°C and VCC = +5.0V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS CONDITIONS
RS-485 DRIVER (continued)
Propagation Delay t
PLH
50
80
00
ns
T
A @ 25°C and VCC = +5V only Fig-
ures 3a and 5; R
L= 54Ω, CL=50pF
Differential Driver Skew
20
40
ns
|t
PHL - tPLH|; TA @ 25°C
RS-485 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
HIGH Threshold
+0.2
+2
Volts
(a)-(b)
LOW Threshold
-7.0
-0.2
Volts
(a)-(b)
Common Mode Range
-7.0
+2
Volts
HIGH Input Current
Refer to Receiver input graph
LOW Input Current
Refer to Receiver input graph
Receiver Sensitivity
+/-0.2
Volts
Over -7V to +2V common mode
Range
Input Impedance
2
kΩ
Max. Transmission Rate
0
Mbps Figure 3a
Propagation Delay t
PHL
80
0
80
ns
T
A @ 25°C and VCC = +5V only.
Figures 3a and 7; A is inverting
and B is non-inverting.
Propagation Delay t
PLH
80
0
80
ns
Differential Receiver Skew
30
ns
|t
PHL - tPLH|; TA @ +25°C
V.35 DRIVER
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Outputs
All Outputs measured with 150Ω termination resistor connected to the non-inverting
outputs as shown in Figure 9.
Differential Output
+/-0.44
+/-0.66
Volts
R
L = 100Ω
Source Impedance
50
00
50
Short-Circuit Impedance
35
50
65
V
OUT = -2V to +2V; A = B
Voltage Output Offset
-0.6
+0.6
Volts
Transition Time
35
60
ns
48kbps data rate; T
A @ 25°C
Max. Transmission Rate
0
Mbps R
L = 100Ω
Propagation Delay t
PHL
50
80
00
ns
T
A @ 25°C and VCC = +5V only
Figures 3b and 5
Propagation Delay t
PLH
50
80
00
ns
DIfferential Driver Skew
30
40
ns
|t
PHL - tPLH|; TA @ +25°C
V.35 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts


Similar Part No. - SP504MCM-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP504MCF SIPEX-SP504MCF Datasheet
399Kb / 31P
   WAN Multi-Mode Serial Transceiver
SP504MCF SIPEX-SP504MCF Datasheet
257Kb / 31P
   WAN Multi-Mode Serial Transceiver
More results

Similar Description - SP504MCM-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
   WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
   WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
   WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
208Kb / 23P
   WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
   WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
   WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
505Kb / 20P
   WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526_06 Datasheet
360Kb / 24P
   WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
257Kb / 31P
   WAN Multi-Mode Serial Transceiver
SP505AB SIPEX-SP505AB Datasheet
496Kb / 36P
   WAN Multi-Mode Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com