Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP490CN Datasheet(PDF) 9 Page - Exar Corporation

Part # SP490CN
Description  Full Duplex RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP490CN Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP490CN Datasheet HTML 4Page - Exar Corporation SP490CN Datasheet HTML 5Page - Exar Corporation SP490CN Datasheet HTML 6Page - Exar Corporation SP490CN Datasheet HTML 7Page - Exar Corporation SP490CN Datasheet HTML 8Page - Exar Corporation SP490CN Datasheet HTML 9Page - Exar Corporation SP490CN Datasheet HTML 10Page - Exar Corporation SP490CN Datasheet HTML 11Page - Exar Corporation SP490CN Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490,49_00_07408
PACKAGE:14PINNSOIC
TOP VIEW
b
Gauge Plane
L1
L
Ø
Ø1
Ø
Seating Plane
L2
VIEW C
SEE VIEW C
B
B
SECTION B-B
WITH PLA TING
c
BASE MET AL
b
A
A1
A2
SYMBOL
MIN
NOM
MAX
A
1.35
-
1.75
A1
0.1
-
0.25
A2
1.25
-
1.65
b
0.31
-
0.51
c
0.17
-
0.25
D
E
E1
e
L
0.4
-
1.27
L1
L2
ø
-
ø1
-
15º
Note: Dimensions in (mm)
1.27 BSC
1.04 REF
0.25 BSC
14 Pin NSOIC JEDEC MO-012 (AB) Variation
8.65 BSC
6.00 BSC
3.90 BSC
E
E/2
E1
INDEX AREA
(D/2 X E1/2)
E1/2
D
1
e
SIDE VIEW
Seating Plane


Similar Part No. - SP490CN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490CN SIPEX-SP490CN Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
SP490CN SIPEX-SP490CN Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490CN SIPEX-SP490CN Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
SP490CN/TR SIPEX-SP490CN/TR Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490CN/TR SIPEX-SP490CN/TR Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
More results

Similar Description - SP490CN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com