Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP21111ECT-L Datasheet(PDF) 8 Page - Exar Corporation

Part # SP21111ECT-L
Description  Low Power, High ESD 5V RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP21111ECT-L Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP21111ECT-L Datasheet HTML 4Page - Exar Corporation SP21111ECT-L Datasheet HTML 5Page - Exar Corporation SP21111ECT-L Datasheet HTML 6Page - Exar Corporation SP21111ECT-L Datasheet HTML 7Page - Exar Corporation SP21111ECT-L Datasheet HTML 8Page - Exar Corporation SP21111ECT-L Datasheet HTML 9Page - Exar Corporation SP21111ECT-L Datasheet HTML 10Page - Exar Corporation SP21111ECT-L Datasheet HTML 11Page - Exar Corporation SP21111ECT-L Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
8
SHuTDOwN MODE
SP211E and SP213E feature a control input
which will shut down the device and reduce
the power supply current to less than 0µA,
making the parts ideal for battery–powered
systems. Inshutdownmodethetransmitters
will be tri–stated, the V+output of the charge
pump will discharge to VCC, and the Voutput
will discharge to ground. Shutdown will tri-
state all receiver outputs of the
SP211E.
SP213E wAKEuP FuNCTION
On the
SP213E, shutdown will tri-state re-
ceivers -3. Receivers 4 and 5 remain active
to provide a “wake-up” function and may be
used to monitor handshaking and control
inputsforactivity.Withonlytworeceivers
active during shutdown, the
SP213E draws
only 5–0µA of supply current.
ManystandardUARTdevicesmaybecon-
figuredtogenerateaninterruptsignalbased
on changes to the Ring Indicate (RI) or other
inputs. A typical application of this function
would be to detect modem activity with the
computer in a power–down mode. The ring
indicator signal from the modem could be
passed through an active receiver in the
SP213E that is itself in the shutdown mode.
The ring indicator signal would propagate
through the
SP213E to the power manage-
ment circuitry of the computer to power up
the microprocessor and the
SP213E driv-
ers. After the supply voltage to the
SP213E
reaches +5.0V, the SHUTDOWN pin can
be disabled, taking the
SP213E out of the
shutdown mode.
All receivers that are active during shutdown
maintain 500mV (typ.) of hysteresis. All
receivers on the
SP213E may be put into
tri-state using the ENABLE pin.
SHuTDOwN CONDITIONS
For complete shutdown to occur and the
0µA power drain to be realized, the follow-
ingconditionsmustbemet:
SP211E:
• +5V must be applied to the SD pin
• ENABLE must be either Ground, +5.0V or
not connected
• the transmitter inputs must be either +5.0V
or not connected
• VCC must be +5V
• Receiver inputs must be >0V and <+5V
SP213E:
• 0V must be applied to the SD pin
• ENABLE must be either 0V, +5.0V or not
connected
• the transmitter inputs must be either +5.0V
or not connected
• VCC must be +5V
• Receiver inputs must be >0V and <+5V


Similar Part No. - SP21111ECT-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211 SIPEX-SP211 Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP211 SIPEX-SP211 Datasheet
263Kb / 16P
   5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Exar Corporation
SP211 EXAR-SP211 Datasheet
1Mb / 14P
   5V RS-232 Serial Transceivers
logo
SamHop Microelectronics...
SP2110 SAMHOP-SP2110 Datasheet
110Kb / 7P
   Super high dense cell design for low RDS(ON).
SP2112 SAMHOP-SP2112 Datasheet
124Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SP21111ECT-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP211EHE EXAR-SP211EHE Datasheet
994Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com