Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP320 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP320 Datasheet(HTML) 2 Page - Exar Corporation

  SP320 Datasheet HTML 1Page - Exar Corporation SP320 Datasheet HTML 2Page - Exar Corporation SP320 Datasheet HTML 3Page - Exar Corporation SP320 Datasheet HTML 4Page - Exar Corporation SP320 Datasheet HTML 5Page - Exar Corporation SP320 Datasheet HTML 6Page - Exar Corporation SP320 Datasheet HTML 7Page - Exar Corporation SP320 Datasheet HTML 8Page - Exar Corporation SP320 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-707 • www.exar.com
SP320_00_092208
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
V
CC.....................................................................................................+7V
Input Voltages
Logic...................................................-0.3V to (V
CC+0.5V)
Drivers................................................-0.3V to (V
CC+0.5V)
Receivers...............................................±30V at ≤100mA
Output Voltages
Logic...................................................-0.3V to (V
CC+0.5V)
Drivers.......................................................................±4V
Receivers............................................-0.3V to (V
CC+0.5V)
Storage Temperature.......................................................-65˚C to +150
Power Dissipation.....................................................................500mW
Package Derating
Ø
JC.......................................................................6 °C/W
Ø
JA.......................................................................46 °C/W
pArAMeter
Min.
tYp.
MAX.
Units
conditions
V.35 driVer
TTL Input Level V
IL
0.8
Volts
TTL Input Level V
IH
2.0
Volts
Voltage Outputs
Differential Outputs
±0.44
±0.55
±0.66
Volts
R
L = 100Ω from A to B
Source Impedance
50
00
50
Ohms
Short Circuit Impedance
35
50
65
Ohms
Measured from A=B to GND,
V
OUT = -2V to +2V
Voltage Output Offset
-0.6
+0.6
Volts
V
OFFSET = (|VA| + |VB|)/ 2
AC Characteristics
Transition Time
40
ns
Rise/Fall time, 0% to 90%
Maximum Transmission Rate
5
Mbps
R
L = 100Ω, VDIFF OUT = 0.55V+/-20%
Propagation Delay t
PHL
50
250
ns
Measured from .5V of V
IN to 50%
of V
OUT
Propagation Delay t
PLH
50
250
ns
Measured from .5V of V
IN to 50%
of V
OUT
V.35 receiVer
TTL Output levels
V
OL
0.4
Volts
I
OUT = -3.2mA
V
OH
2.4
Volts
I
OUT = .0mA
Receiver Inputs
Differential Input Threshold
-0.3
+0.3
Volts
Input Impedance
90
00
0
Ohms
Short circuit Impedance
35
50
65
Ohms
Measured from A=B to GND,
V
IN = -2V to +2V
AC Characteristics
Maximum Transmission Rate
5
Mbps
V
IN = +/-0.55V +/-20%
Propagation Delay t
PHL
50
250
ns
Measured from 50% of V
IN to .5V
of R
OUT
Propagation Delay t
PLH
50
250
ns
Measured from 50% of V
IN to .5V
of R
OUT
ABsoLUte MAXiMUM rAtinGs
eLectricAL cHArActeristics
T
MIN to TMAX and Vcc = 5V +/-5% unless otherwise noted.


Similar Part No. - SP320

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP320 SIPEX-SP320 Datasheet
647Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
SP320-12 ASTRODYNE-SP320-12 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
SP320-13.5 ASTRODYNE-SP320-13.5 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
More results

Similar Description - SP320

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP320 SIPEX-SP320_07 Datasheet
225Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
SP320 SIPEX-SP320 Datasheet
647Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP319 SIPEX-SP319 Datasheet
222Kb / 14P
   20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
   5V Only RS-232/AppleTalk Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
   5V Only RS-232/AppleTalk??Programmable Transceiver
logo
List of Unclassifed Man...
HWD232 ETC1-HWD232 Datasheet
300Kb / 4P
   5V RS-232
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511 Datasheet
263Kb / 8P
   Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module
19-2370; Rev 2; 10/91
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com