Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950CN-L-5-0 Datasheet(PDF) 1 Page - Exar Corporation

Part # LP2950CN-L-5-0
Description  100mA, LOW DROPOUT VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LP2950CN-L-5-0 Datasheet(HTML) 1 Page - Exar Corporation

  LP2950CN-L-5-0 Datasheet HTML 1Page - Exar Corporation LP2950CN-L-5-0 Datasheet HTML 2Page - Exar Corporation LP2950CN-L-5-0 Datasheet HTML 3Page - Exar Corporation LP2950CN-L-5-0 Datasheet HTML 4Page - Exar Corporation LP2950CN-L-5-0 Datasheet HTML 5Page - Exar Corporation LP2950CN-L-5-0 Datasheet HTML 6Page - Exar Corporation LP2950CN-L-5-0 Datasheet HTML 7Page - Exar Corporation LP2950CN-L-5-0 Datasheet HTML 8Page - Exar Corporation LP2950CN-L-5-0 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

Rev G
LP2950-5 Low Dropout Linear Regulators
© 2008 Exar Corporation
Now Available in Lead Free Packaging
INPUT
OUTPUT
UNREGULATED DC
SHUTDOWN
GROUND
ERROR
______
SENSE
5V @ 00mA
MAX
TO CMOS OR
TTL
REFERENCE
ERROR DETECTION
COMPARATOR
ERROR
AMPLIFIER
.2V
FROM
CMOS OR
TTL
+
+
+
+
+
+
0 mV

7
8

2

5

0k
0k
80k
.
.

µF
_
_
FEEDBACK
5V TAP


•       
•  
•    
• 
•      
•  
•      
•  
•    
•  
•    
• 
•    µ  
•
•   Lead Free, RoHS Compliant Packages:
    
• 
•    
• 
• 
  
•      
•   
•      
 
                  
                
                     
                  
        
                         
                    
              
   
LP2950/LP2951
100
mA, LOW DROPOUT VOLTAGE REGULATORS
OCTOBER 6, 2008
R
EV. G


Similar Part No. - LP2950CN-L-5-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
LP2950CN-L-5-0 SIPEX-LP2950CN-L-5-0 Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
LP2950CN-L-5-0/TR SIPEX-LP2950CN-L-5-0/TR Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
More results

Similar Description - LP2950CN-L-5-0

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Cystech Electonics Corp...
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com