Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

802-012-00ZM6-4PC Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 802-012-00ZM6-4PC
Description  Receptacles for PCB or Solder Cup
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-012-00ZM6-4PC Datasheet(HTML) 2 Page - Glenair, Inc.

  802-012-00ZM6-4PC Datasheet HTML 1Page - Glenair, Inc. 802-012-00ZM6-4PC Datasheet HTML 2Page - Glenair, Inc. 802-012-00ZM6-4PC Datasheet HTML 3Page - Glenair, Inc. 802-012-00ZM6-4PC Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-10
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Series 802 “Aqua Mouse”
3500 PSI Rated
802-012-02 Square Flange Receptacles for PCB or Solder Cup
SERIES 802 Sq FLANGE PANEL Cutout
DIMENSIoNS
Shell
Shell
Size
Size
A Square
A Square
B Bsc.
B Bsc.
C
C
Ø F
Ø F
In.
In.
mm.
mm.
In.
In.
mm.
mm.
Mating
Mating
Threads
Threads
In.
In.
mm.
mm.
5
.885 22.48
.500 12.70 .438-28 UNEF
.327
8.31
6
1.010 25.65
.625 15.88 .562-20 UN
.390
9.91
7
1.072 27.23
.688 17.48 .625-20 UN
.515 13.08
8
1.135 28.83
.750 19.05 .687-20 UN
.577 14.66
9
1.195 30.35
.812 20.62 .750-20 UNEF
.640 16.26
10
1.260 32.00
.875 22.23 .812-20 UNEF
.702 17.83
12
1.322 33.58
.938 23.83 .875-20 UNEF
.765 19.43
14
1.510 38.25 1.125 28.58 1.062-20 UN
.953 24.21
15
1.572 39.93 1.188 30.18 1.125-20 UN
1.015 25.78
SERIES 802 RECEPtACLE kEY PoSItIoNS
Key
Key
Position
Position
key Rotation
key Rotation
Normal (A)
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
Rev. 08-FEB-2007
.022/.018
.395/.385
(10.03/9.78)
(0.56/0.46)
.125 MIN
(3.18 MIN)
SOLDER CUP
PC TAIL
(OPTIONAL)
.940
(23.9)
.250 (6.35) MAX
.160 (4.06) MIN
C THREAD
O RING
O RING
RED COLOR BAND FULL
MATE INDICATOR
B BSC
A SQ
4X
ø .125 (3.2)
THRU HOLES
PANEL
#4-40 UNC
4-BLIND HOLES
.045 (1.14) MIN
.160 (4.06)
MIN - REF
ø E
B


Similar Part No. - 802-012-00ZM6-4PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
More results

Similar Description - 802-012-00ZM6-4PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-013-03Z15-3PA GLENAIR-802-013-03Z15-3PA Datasheet
212Kb / 4P
   Hermetic Receptacles for PCB or Solder Cup
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
804-005-00C5-3PA GLENAIR-804-005-00C5-3PA Datasheet
485Kb / 3P
   Receptacles With PCB or Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
240-801-02 GLENAIR-240-801-02 Datasheet
306Kb / 1P
   Printed Circuit Board Versions with PCB or Solder Cup Contacts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com