Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMR7580C-31P3CM Datasheet(PDF) 2 Page - Glenair, Inc.

Part # GMR7580C-31P3CM
Description  Vertical Mount Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GMR7580C-31P3CM Datasheet(HTML) 2 Page - Glenair, Inc.

  GMR7580C-31P3CM Datasheet HTML 1Page - Glenair, Inc. GMR7580C-31P3CM Datasheet HTML 2Page - Glenair, Inc. GMR7580C-31P3CM Datasheet HTML 3Page - Glenair, Inc. GMR7580C-31P3CM Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-25
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
GMR7580C Vertical Mount Micro-D Connectors
Compact Flange
GMR7580C CoNNECtoR DIMENSIoNS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H Max.
In.
mm.
In .
± .005
mm.
± 0.13
In .
mm.
In .
mm.
In .
mm.
In .
± .003
mm.
± 0.08
In .
mm.
In .
mm.
9P
.785
19.94
.565
14.35
.335
8.51
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
9S
.785
19.94
.565
14.35
.400 10.16
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
15P
.935
23.75
.715
18.16
.485 12.32
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
15S
.935
23.75
.715
18.16
.550 13.97
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
21P
1.085
27.56
.865
21.97
.635 16.13
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
21S
1.085
27.56
.865
21.97
.700 17.78
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
25P
1.185
30.01
.965
24.51
.735 18.67
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
25S
1.185
30.01
.965
24.51
.800 20.32
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
31P
1.335
33.91 1.115
28.32
.885 22.48
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
31S
1.335
33.91 1.115
28.32
.950 24.13
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
37P
1.485
37.72 1.265
32.13 1.035 26.29
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
37S
1.485
37.72 1.265
32.13 1.100 27.94
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
51P
1.435
36.45 1.215
30.86
.985 25.02
.228
5.79
.351
8.92
.183
4.65
.355
9.02
.351
8.92
51S
1.435
36.45 1.215
30.86 1.050 26.67
.294
7.47
.351
8.92
.195
4.95
.355
9.02
.351
8.92
100P
2.170
55.12 1.800
45.72 1.384 35.15
.271
6.88
.394 10.00
.183
4.65
.430
10.92
.470
11.94
100S
2.170
55.12 1.800
45.72 1.508 38.30
.394 10.00
.394 10.00
.195
4.95
.430
10.92
.470
11.94
A
D
E
B
C
F
G
.100
(25.4)
Ø .020 (0.51)
± .002 (0.05)
H
.150 (3.81)
± .015 (0.38)
.050 (1.27)
.050 (1.27)
SIZES 9 THRU 51 THREAD SIZE IS #2-56 UNC
SIZE 100 THREAD SIZE IS #4-40
SIZES 9 THRU 51 MOUNTING HOLE IS .088/094 (2.24/2.39)
SIZE 100 MOUNTING HOLE IS .145/.150 (3.68/3.81)
STAGGERED LEADS
MAtERIALS AND FINISHES
Connector Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, passivated. See Ordering Info for
Plating Options
Insulator, Tray
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
PCB Terminals
Gold Plated Copper Alloy, Solder Dipped
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFoRMANCE SPECIFICAtIoNS
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 µ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)


Similar Part No. - GMR7580C-31P3CM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7580-15P1ANN GLENAIR-GMR7580-15P1ANN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-15P1APN GLENAIR-GMR7580-15P1APN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-15P1BNN GLENAIR-GMR7580-15P1BNN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-15P1BPN GLENAIR-GMR7580-15P1BPN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-15P1CNN GLENAIR-GMR7580-15P1CNN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
More results

Similar Description - GMR7580C-31P3CM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7580-9P1ANN GLENAIR-GMR7580-9P1ANN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
177-140H9SS GLENAIR-177-140H9SS_09 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
240-077 GLENAIR-240-077 Datasheet
125Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
240-078 GLENAIR-240-078 Datasheet
118Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
240-075 GLENAIR-240-075 Datasheet
112Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com