Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INJ0011AM1 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # INJ0011AM1
Description  High speed switching Silicon P-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INJ0011AM1 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  INJ0011AM1 Datasheet HTML 1Page - Isahaya Electronics Corporation INJ0011AM1 Datasheet HTML 2Page - Isahaya Electronics Corporation INJ0011AM1 Datasheet HTML 3Page - Isahaya Electronics Corporation INJ0011AM1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INJ0011AX SERIES
High speed switching
Silicon P-channel MOSFET
MAXIMUM RATING(Ta=25℃)
RATING
SYMBOL
PARAMETER
INJ0001AT2
INJ0001AU1
INJ0001AM1
INJ0001AC1
UNIT
DSS
Drain-source voltage
-50
V
GSS
Gate-source voltage
±20
V
D
Drain current
-100
mA
Total
power
dissipation
(Ta=25℃)
125(※)
150
200
mW
Tch
Channel temperature
+125
+150
Tstg
Range of Storage temperature
-55~+125
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25℃)
※package mounted on 9mm×19mm×1mm glass-epoxy substrate.
LIMIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-source breakdown voltage
I
D=-100μA, V GS=0V
-50
-
-
V
IGSS
Gate-source leak current
V
GS=±20V, VDS=0V
-
-
±10
μA
IDSS
Zero gate voltage drain current
V
DS=-50V ,VGS=0V
-
-
-1.0
μA
Vth
Gate threshold voltage
I
D=-250μA, V DS= V GS
-1.0
-
-2.0
V
|
Yfs |
Forward transfer admittance
V
DS=-10V, I D=-100mA
-
145
-
mS
I
D=-100mA, V GS=-4.0V
-
7.0
-
RDS(ON)
Static
drain-source
on-state
resistance
I
D=-100mA, V GS=-10V
-
4.8
-
Ω
Ciss
Input capacitance
V
DS=-10V, V GS=0V,f=1MHz
-
25
-
pF
Coss
Output capacitance
V
DS=-10V, V GS=0V,f=1MHz
-
6.0
-
pF
tON
-
35
-
tOFF
Switching time
V
DD=-5V , I D=-10mA
V
GS=0~-5V
-
90
-
ns
Switching time test condition
ISAHAYA ELECTRONICS CORPORATION
VDD=-5V
D.U.≦1%
Common source
Ta=25℃
VDS(ON)
-5V
0V
90%
10%
VDD
90%
10%
ton
toff
tr
tf
0
-5V
10μs
test circuit
input
waveform
output
waveform
IN
50Ω
OUT
RL
VDD
VDD=-5V
D.U.≦1%
Common source
Ta=25℃
VDS(ON)
-5V
0V
90%
10%
VDD
90%
10%
ton
toff
tr
tf
VDS(ON)
-5V
0V
90%
10%
VDD
90%
10%
ton
toff
tr
tf
-5V
0V
90%
10%
VDD
90%
10%
ton
toff
tr
tf
0
-5V
10μs
test circuit
input
waveform
output
waveform
IN
50Ω
OUT
RL
VDD
IN
50Ω
IN
50Ω
OUT
RL
VDD


Similar Part No. - INJ0011AM1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INJ0001AC1 ISAHAYA-INJ0001AC1 Datasheet
136Kb / 4P
   Silicon P-channel MOSFET
INJ0001AC1 ISAHAYA-INJ0001AC1 Datasheet
137Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0001AM1 ISAHAYA-INJ0001AM1 Datasheet
136Kb / 4P
   Silicon P-channel MOSFET
INJ0001AM1 ISAHAYA-INJ0001AM1 Datasheet
137Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0001AT2 ISAHAYA-INJ0001AT2 Datasheet
136Kb / 4P
   Silicon P-channel MOSFET
More results

Similar Description - INJ0011AM1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INJ0001AX ISAHAYA-INJ0001AX_08 Datasheet
137Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0003AX ISAHAYA-INJ0003AX_08 Datasheet
139Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0212AP1 ISAHAYA-INJ0212AP1 Datasheet
221Kb / 4P
   High Speed Switching Silicon P-channel MOSFET
INJ0002AX ISAHAYA-INJ0002AX_08 Datasheet
138Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0203AC1 ISAHAYA-INJ0203AC1 Datasheet
159Kb / 4P
   High Speed Switching Silicon P-channel MOSFET
logo
Sanyo Semicon Device
FTD7003 SANYO-FTD7003 Datasheet
29Kb / 4P
   P-Channel Silicon MOSFET High-Speed Switching Applications
logo
Renesas Technology Corp
HAT1016R RENESAS-HAT1016R Datasheet
97Kb / 8P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1026R RENESAS-HAT1026R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1023R RENESAS-HAT1023R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1020R RENESAS-HAT1020R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com