Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INK0001AX Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # INK0001AX
Description  High speed switching Silicon N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INK0001AX Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  INK0001AX_08 Datasheet HTML 1Page - Isahaya Electronics Corporation INK0001AX_08 Datasheet HTML 2Page - Isahaya Electronics Corporation INK0001AX_08 Datasheet HTML 3Page - Isahaya Electronics Corporation INK0001AX_08 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INK0001AX SERIES
High speed switching
Silicon N-channel MOSFET
DESCRIPTION
OUTLINE DRAWING
Unit:mm
INK0001AT2
INK0001AM1
INK0001AX is a Silicon N-channel MOSFET.
This product is most suitable for low voltage
use such as portable machinery , because of low
voltage drive and low on resistance.
FEATURE
・Input impedance is high, and not necessary to
consider a drive electric current.
・Vth is low, and drive by low voltage is possible.
Vth=0.6~1.2V
・Low on Resistance. Ron=3.5Ω(TYP)
・High speed switching.
・Small package for easy mounting.
JEITA, JEDEC:-
ISAHAYA:T-USM
JEITA:SC-70
JEDEC:-
APPLICATION
high speed switching , Analog switching
TERMINAL CONNECTOR
①:GATE
②:SOURCE
③:DRAIN
TERMINAL CONNECTOR
①:GATE
②:SOURCE
③:DRAIN
INK0001AU1
INK0001AC1
EQUIVALENT CIRCUIT
JEITA:SC-75A
JEDEC:-
JEITA:SC-59
JEDEC:Similar to TO-236
TERMINAL CONNECTOR
①:GATE
②:SOURCE
③:DRAIN
T TERMINAL CONNECTOR
①:GATE
②:SOURCE
③:DRAIN
1.25
0.425
2.1
0.425
0.4
0.8
0.4
1.6
0.5
1.5
0.5
2.5
0.2
0.8
0.2
ISAHAYA ELECTRONICS CORPORATION
G
S
D


Similar Part No. - INK0001AX_08

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INK0001AX ISAHAYA-INK0001AX Datasheet
136Kb / 4P
   Silicon N-channel MOSFET
More results

Similar Description - INK0001AX_08

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INK0002AX ISAHAYA-INK0002AX_08 Datasheet
138Kb / 4P
    High speed switching Silicon N-channel MOSFET
INK0010AX ISAHAYA-INK0010AX Datasheet
138Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK0012AX ISAHAYA-INK0012AX Datasheet
139Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK021ABS1 ISAHAYA-INK021ABS1 Datasheet
146Kb / 5P
   High Speed Switching Silicon N-channel MOSFET
logo
Guangdong Kexin Industr...
KW306 KEXIN-KW306 Datasheet
52Kb / 2P
   N-Channel Silicon MOSFET High Speed Switching
logo
Isahaya Electronics Cor...
INK0003AX ISAHAYA-INK0003AX_08 Datasheet
138Kb / 4P
   High speed switching Silicon N-channel MOSFET
logo
Hitachi Semiconductor
2SK294 HITACHI-2SK294 Datasheet
47Kb / 1P
   SILICON N CHANNEL MOSFET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
RJK6022DJE RENESAS-RJK6022DJE Datasheet
102Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL Datasheet
121Kb / 9P
   Silicon N-Channel MOSFET High-Speed Power Switching
RJK6026DPP RENESAS-RJK6026DPP Datasheet
105Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com