Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380MA137Z11601-6N Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 380MA137Z11601-6N
Description  Backshells, Boots and Clamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380MA137Z11601-6N Datasheet(HTML) 1 Page - Glenair, Inc.

  380MA137Z11601-6N Datasheet HTML 1Page - Glenair, Inc. 380MA137Z11601-6N Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
L-15
e-Mail: sales@glenair.com
A
B
C
d
e
F
G
h
J
K
L
M
Series 80 “Mighty Mouse”
Backshells, Boots and Clamps
how to order
Sample Part Number
Sample Part Number
380MS137
380MS137
M
M
07
07
04-
04-
66
N
N
Part Number
Part Number
Shell Material / Finish
Shell Material / Finish
Size Code
Size Code
Cable entry
Cable entry
Code
Code
Length
Length
Clamp Style
Clamp Style
380MS137
Straight Entry,
Rotatable Coupling
380MS135
Straight Entry,
Direct Coupling
380MB137
45° Entry
380MA137
90° Entry
M
Aluminum / Electroless
Nickel
NF
Aluminum / Cadmium with
Olive Drab Chromate
ZN
Aluminum / Zinc-Nickel
with Olive Drab Chromate
ZNU
Aluminum / Zinc-Nickel
with Black Chromate
Z1
Stainless Steel /
Passivated
Size
Size
Code
Code
thread
thread
Size
Size
05 .2500-32
06 .3125-32
11 .3750-32
07 .4375-28
08 .5000-28
09 .5625-24
10 .6250-24
12 .6875-24
13 .7500-20
14 .9375-20
Cable
Cable
entry
entry
Code
Code
Saddle
Saddle
Clamp dia.
Clamp dia.
Fully Closed
Fully Closed
01-
.11
02-
.17
03-
.23
04-
.30
05-
.36
06-
.42
07-
.48
08-
.55
09-
.61
Omit for screw
clamp with
saddle bars
N
Optional
Compression
Nut, Low Profile
EMI Backshells
EMI Backshells
EMI backshells feature an EMI ring for
easy shield termination.
Straight Entry backshells are
available with direct coupling or
rotatable coupling.
45° and 90° adapters feature rotatable
coupling nuts.
Specify length in
increments of .125
inches (3.18 mm.)
Straight Entry
380MS Only
Length
Length
Code
Code
Length
Length
(Inches)
(Inches)
5
.625
6
.750
7
.875
8
1.000
9
1.125
10
1.250
11
1.375
12
1.500
13
1.625
14
1.750
15
1.875
16
2.000
17
2.125
18
2.250
19
2.375
20
2.500
380MS135
380MS135
MAterIALS
Adapter, Clamp,
Nut and Saddles
Aluminum Alloy
6061-T6 or 300
Series Stainless
Steel
O-Rings
Silicone Rubber
Hardware
300 Series
Stainless Steel
Rev. 07-AUG-2008
Rev. 07-AUG-2008


Similar Part No. - 380MA137Z11601-6N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380MS135 GLENAIR-380MS135 Datasheet
190Kb / 1P
   Mighty Mouse EMI Backshell
380MS141 GLENAIR-380MS141 Datasheet
259Kb / 2P
   Mighty Mouse EMI/RFI Backshell
More results

Similar Description - 380MA137Z11601-6N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390MS077M0501-5N GLENAIR-390MS077M0501-5N Datasheet
403Kb / 2P
   Backshells, Boots and Clamps
370MS038C0501-5N GLENAIR-370MS038C0501-5N Datasheet
389Kb / 2P
   Backshells, Boots and Clamps
340MS026CG05-401-6 GLENAIR-340MS026CG05-401-6 Datasheet
417Kb / 2P
   Backshells, Boots and Clamps
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
   Strain-Relief Clamps and Environmental Backshells
A0000032348-1 GLENAIR-A0000032348-1 Datasheet
369Kb / 2P
   Backshells and accessories Series 77 heatshrink boots
809-094 GLENAIR-809-094 Datasheet
182Kb / 1P
   Backshells and Accessories
809-035 GLENAIR-809-035 Datasheet
171Kb / 1P
   Backshells and Accessories
809B060 GLENAIR-809B060 Datasheet
191Kb / 1P
   Backshells and Accessories
logo
C&K Components
D-SUB CK-COMPONENTS-D-SUB Datasheet
3Mb / 31P
   Lightweight Backshells and Haloring
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com