Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT91L31 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT91L31
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L31 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT91L31 Datasheet HTML 3Page - Exar Corporation XRT91L31 Datasheet HTML 4Page - Exar Corporation XRT91L31 Datasheet HTML 5Page - Exar Corporation XRT91L31 Datasheet HTML 6Page - Exar Corporation XRT91L31 Datasheet HTML 7Page - Exar Corporation XRT91L31 Datasheet HTML 8Page - Exar Corporation XRT91L31 Datasheet HTML 9Page - Exar Corporation XRT91L31 Datasheet HTML 10Page - Exar Corporation XRT91L31 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
XRT91L31
7
REV. 1.0.2
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
CDRREFSEL
LVTTL,
LVCMOS
I
60
Clock and Data Recover Unit Reference Frequency Select
Selects the Clock and Data Recovery Unit reference frequency
based on the table below.
"Low" = CDR uses CMU’s reference clock
"High" = CDR reference clock from CDRAUXREF-
CLK
NOTE:
CDRAUXREFCLK requires accuracy of 77.76 MHz
ppm.
LOOPTIME
LVTTL,
LVCMOS
I
2
Loop Timing Mode
When the loop timing mode is activated the external reference
clock to the input of the Retimer is replaced with the high-speed
recovered receive clock from the CDR.
"Low" = Disabled
"High" = Loop timing Activated
CDRDIS
LVTTL,
LVCMOS
I
12
Clock and Data Recovery Unit Disable
Active "High." Disables internal Clock and Data Recovery unit.
Received serial data bypasses the integrated CDR block.
RXINP/N is then sampled on the rising edge of externally
recovered differential clock XRXCLKIP/N coming from the opti-
cal module.
"Low" = Internal CDR unit is Enabled
"High" = Internal CDR unit is Disabled and Bypassed
PIN DESCRIPTION
NAME
LEVEL
TYPE
PIN
DESCRIPTION
CDRREF-
SEL
STS12/
STS3
CDRAUXREF-
CLK Frequency
Data Rate
0
CDR uses CMU’s reference clock
(see CMUFREQSEL pin)
1
0
77.76 MHz
STS-3/STM-1
155.52 Mbps
1
1
77.76 MHz
STS-12/STM-4
622.08 Mbps
200
+−


Similar Part No. - XRT91L31

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ EXAR-XRT91L31IQ Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L31

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Exar Corporation
XRT91L34 EXAR-XRT91L34 Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com