Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

802-013-07Z17-10EB Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 802-013-07Z17-10EB
Description  Hermetic Receptacles for PCB or Solder Cup
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-013-07Z17-10EB Datasheet(HTML) 4 Page - Glenair, Inc.

  802-013-07Z17-10EB Datasheet HTML 1Page - Glenair, Inc. 802-013-07Z17-10EB Datasheet HTML 2Page - Glenair, Inc. 802-013-07Z17-10EB Datasheet HTML 3Page - Glenair, Inc. 802-013-07Z17-10EB Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-16
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Series 802 “Aqua Mouse”
3500 PSI Rated
802-013-03 Hermetic Receptacle for PCB or Solder Cup
ø A
MASTER KEYWAY
WELD MOUNT
SHELL STYLE 03
DIRECTION OF PRESSURE
RED COLOR BAND FULL
MATE INDICATOR
ø B
SOLDER CUP
.071/.059
(1.80/1.50)
.720
(18.29)
.134/.118
(3.40/3.00)
C THREAD
DIMENSIONS
Shell
Size
Ø A
Ø B
C
In.
± .006
mm.
± 0.15
In.
± .006
mm.
± 0.15
Mating
Threads
5
.788
20.02
.745
18.92
.438-28 UNEF
6
.912
23.16
.869
22.07
.562-20 UN
7
.975
24.77
.933
23.70
.625-20 UN
8
1.038
26.37
.995
25.27
.687-20 UN
9
1.100
27.94
1.057
26.85
.750-20 UNEF
10
1.162
29.53
1.119
28.42
.812-20 UNEF
12
1.225
31.12
1.182
30.02
.875-20 UNEF
14
1.412
35.86
1.369
34.77 1.062-20 UN
15
1.475
37.47
1.432
36.37 1.125-20 UN
SERIES 802 RECEPTACLE KEY POSITIONS
Key
Position
Key Rotation
Normal (A)
150°
210°
B75°
210°
C95°
230°
D
140°
275°
Rev. 08-FEB-2007
.125 (3.18)
± .015 (0.38)


Similar Part No. - 802-013-07Z17-10EB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-013-07 GLENAIR-802-013-07 Datasheet
173Kb / 1P
   Hermetic Receptacle
More results

Similar Description - 802-013-07Z17-10EB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-012-02Z15-3PA GLENAIR-802-012-02Z15-3PA Datasheet
471Kb / 4P
   Receptacles for PCB or Solder Cup
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
804-005-00C5-3PA GLENAIR-804-005-00C5-3PA Datasheet
485Kb / 3P
   Receptacles With PCB or Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
803-006-07Z15-3PN GLENAIR-803-006-07Z15-3PN Datasheet
295Kb / 2P
   Hermetic Receptacles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com