Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT91L31 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT91L31
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L31 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT91L31_08 Datasheet HTML 4Page - Exar Corporation XRT91L31_08 Datasheet HTML 5Page - Exar Corporation XRT91L31_08 Datasheet HTML 6Page - Exar Corporation XRT91L31_08 Datasheet HTML 7Page - Exar Corporation XRT91L31_08 Datasheet HTML 8Page - Exar Corporation XRT91L31_08 Datasheet HTML 9Page - Exar Corporation XRT91L31_08 Datasheet HTML 10Page - Exar Corporation XRT91L31_08 Datasheet HTML 11Page - Exar Corporation XRT91L31_08 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
XRT91L31
8
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
REV. 1.0.2
PIO_CTRL
LVTTL,
LVCMOS
I
48
Transmit Parallel Clock Directional Control
Transmit Parallel Clock Output Operation
If this pin is asserted "High", TXPCLK_IO is a parallel bus clock
output. Data on the TXDI[7:0] must be synchronously applied
prior to the sampling by the PISO at the rising edge of
TXPCLK_IO clock output driven by the XRT91L31.
Alternate Transmit Parallel Clock Input Operation
Asserting this control pin "Low" or if left unconnected, it config-
ures TXPCLK_IO to serve as a parallel bus clock input rather
than a parallel bus clock output and permits the XRT91L31 to
accept the external clock input. Data on the TXDI[7:0] is then
sampled at the rising edge of the TXPCLK_IO clock input
driven by the framer/mapper device.
"Low" = TXPCLK_IO is a Parallel Clock Input.
"High" = TXPCLK_IO is a Parallel Clock Output.
NOTE:
Parallel Clock Input operation has the advantage of
permitting the framer/mapper device timing to be
synchronized with the transceiver transmitter timing.
This pin is provided with an internal pull-down.
RLOOPS
LVTTL,
LVCMOS
I
63
Serial Remote Loopback
The serial remote loopback mode interconnects the receive
serial data input to the transmit serial data output. If serial
remote loopback is enabled, the 8-bit parallel transmit data
input is ignored while the 8-bit parallel receive data output is
maintained.
"Low" = Disabled
"High" = Serial Remote Loopback Mode Enabled
NOTE: DLOOP and RLOOPS can be enabled simultaneously
to achieve a dual loopback diagnostic feature in normal
operation.
DLOOP
LVTTL,
LVCMOS
I
62
Digital Local Loopback
The digital local loopback mode interconnects the 8-bit parallel
transmit data input and TxCLK to the 8-bit parallel receive data
output and RxCLK respectively while maintaining the transmit
serial data output. If digital local loopback is enabled, the
receive serial data input is ignored.
"Low" = Disabled
"High" = Digital Local Loopback Mode Enabled
NOTE: DLOOP and RLOOPS can be enabled simultaneously
to achieve a dual loopback diagnostic feature in normal
operation.
ALOOP
LVTTL,
LVCMOS
I
64
Analog Local Loopback
This loopback feature serializes the 8-bit parallel transmit data
input and presents the data to the transmit serial output and in
addition it also internally routes the serialized data back to the
Clock and Data Recovery block for serial to parallel conversion.
The received serial data input is ignored.
"Low" = Disabled
"High" = Analog Local Loopback Mode Enabled
PIN DESCRIPTION
NAME
LEVEL
TYPE
PIN
DESCRIPTION


Similar Part No. - XRT91L31_08

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31IQ EXAR-XRT91L31IQ Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L31_08

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Exar Corporation
XRT91L34 EXAR-XRT91L34 Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com