Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75VL00 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT75VL00
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT75VL00 Datasheet HTML 2Page - Exar Corporation XRT75VL00 Datasheet HTML 3Page - Exar Corporation XRT75VL00 Datasheet HTML 4Page - Exar Corporation XRT75VL00 Datasheet HTML 5Page - Exar Corporation XRT75VL00 Datasheet HTML 6Page - Exar Corporation XRT75VL00 Datasheet HTML 7Page - Exar Corporation XRT75VL00 Datasheet HTML 8Page - Exar Corporation XRT75VL00 Datasheet HTML 9Page - Exar Corporation XRT75VL00 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
XRT75VL00
4
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.6
PIN DESCRIPTIONS (BY FUNCTION)
TRANSMIT INTERFACE
PIN #
SIGNAL NAME
TYPE
DESCRIPTION
4
TxON
I
Transmitter ON Input
Setting this input pin "High" turns on the Transmitter.
NOTES:
1.
Even when the XRT75VL00 is configured in HOST mode, this pin still
controls the TTIP and TRING outputs
2.
When the Transmitter is turned off either in Host or Hardware mode,the
TTIP and TRING outputs are Tri-stated.
3.
This pin is internally pulled down
46
TxClk
I
Transmit Clock Input for TPData and TNData
The frequency accuracy of this input clock must be of nominal bit rate ± 20 ppm.
The duty cycle can be 30%-70%.
The XRT75VL00 samples the TPData and TNData pins on the falling or rising
edge of TxClk signal based on the status of TxClkINV pin (in Hardware mode)
or the status of the bit in the Channel Register (in HOST mode).
26
TxClkINV/
SClk
I
Transmit Clock Invert or Serial Clock Input:
Function of this depends on whether the XRT75VL00 is configured to operate in
Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” configures the Transmitter to
sample the TPData and TNData data on the rising edge of the TxClk.
NOTE: If the XRT75VL00 is configured in HOST mode, this pin functions as
SClk input pin (please refer to the pin description for Microprocessor
interface).
48
TNData
I
Transmit Negative Data Input
If the XRT75VL00 is configured in Dual-rail mode, this pin is sampled on the
falling or rising edge of TxClk based on the status of the TClkINV pin (in Hard-
ware mode) or the status of the control bit in the Channel Register (in HOST
mode).
NOTES:
1.
This input pin is ignored and should be tied to GND if the Transmitter
Section is configured to accept Single-Rail data from the Terminal
Equipment.
47
TPData
I
Transmit Positive Data Input
The XRT75VL00 samples this pin on the falling or rising edge of TxClk based on
the status of the TClkINV pin (in Hardware mode) or the status of the control bit
in the Channel Register (in HOST mode).
50
TTIP
O
Transmit TTIP Output
The XRT75VL00 uses this pin along with TRING to transmit a bipolar signal to
the line using a 1:1 transformer.


Similar Part No. - XRT75VL00

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75VL00DIV EXAR-XRT75VL00DIV Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00DIV EXAR-XRT75VL00DIV Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results

Similar Description - XRT75VL00

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com