Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWDM3L-31SBRR3 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # MWDM3L-31SBRR3
Description  Micro-D Metal Shell Printed Circuit Board Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM3L-31SBRR3 Datasheet(HTML) 3 Page - Glenair, Inc.

  MWDM3L-31SBRR3 Datasheet HTML 1Page - Glenair, Inc. MWDM3L-31SBRR3 Datasheet HTML 2Page - Glenair, Inc. MWDM3L-31SBRR3 Datasheet HTML 3Page - Glenair, Inc. MWDM3L-31SBRR3 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-8
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Micro-D Metal Shell Printed Circuit Board Connectors
BR Style Right Angle thru-Hole
CL
1.150 (29.21)
.375 (9.53)
.100 (2.54) TYP
.100 (2.54)
TYP
.150 (3.81)
.050 (1.27) TYP
1
6
7
3
8
9
2
4
5
.100 (2.54)
TYP
CL
1.300 (33.02)
.300 (7.62)
.150 (3.81)
.100 (2.54) TYP
.050 (1.27) TYP
1
6
73
12
10
11
13
14
15
8
9
2
4
5
CL
1.450(36.8)
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.150 (3.81)
.225 (5.72)
12
13
15
16
14
18
19
20
21
17
1
6
73
10
11
8
92
4
5
.150 (3.81)
1.800 (45.72)
CL
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.150 (3.81)
1
6
73
12
10
11
13
15
16
18
19
20
21
14
17
8
92
4
5
22
24
23
25
26
27
28
29
30
31
.150 (3.81)
2.100 (53.34)
CL
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.150 (3.81)
1
6
73
12
10
11
13
15
16
18
19
20
21
14
17
8
92
4
5
22
24
23
25
26
27
28
29
30
31
32
33
34
35
36
37
.150 (3.81)
CL
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.050 (1.27)
1.600 (40.64)
1
6
73
12
10
11
13
15
16
18
19
20
21
14
17
8
92
4
5
22
24
23
25
26
27
28
29
30
31
32
33
34
35
38
40
39
41
42
43
44
45
46
47
48
49
50
51
36
37
1.550 (39.37)
CL
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.150 (3.81)
.175 (4.45)
15
16
18
19
20
21
14
17
1
6
73
12
10
11
13
8
92
4
5
22
24
23
25
CL
.100 (2.54) TYP
.050 (1.27) TYP
.050
.100 (2.54)
TYP
.150 (3.81)
2.500 (63.50)
1
6
73
12
10
11
13
15
16
18
19
20
21
14
17
8
92
4
5
22
24
23
25
26
27
28
29
30
31
32
33
34
35
38
40
39
41
42
43
44
45
46
47
48
49
50
51
36
37
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
97
98
99
100
87
88
89
90
91
92
93
94
95
96
MICRo-D BR BoARD MouNt CoNNECtoR PCB LAYoutS – PIN CoNNECtoRS
Patterns shown are for connector mounting side of PC board. 9 Thru 51 Contacts .096 (2.44) Diameter Mounting Holes, 100 Pin .125 (3.18) Diameter
9 PIN MWDM-9PBR
51 PIN MWDM-51PBR
15 PIN MWDM-15PBR
31 PIN MWDM-31PBR
21 PIN MWDM-21PBR
25 PIN MWDM-25PBR
37 PIN MWDM-37PBR
100 PIN MWDM-100PBR


Similar Part No. - MWDM3L-31SBRR3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM3L-31SBSP GLENAIR-MWDM3L-31SBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM3L-31SBSR1 GLENAIR-MWDM3L-31SBSR1 Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM3L-31SBSR2 GLENAIR-MWDM3L-31SBSR2 Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM3L-31SBSR3 GLENAIR-MWDM3L-31SBSR3 Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
More results

Similar Description - MWDM3L-31SBRR3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBRP GLENAIR-MWDM1L-9PCBRP Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com