Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR19L402 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR19L402
Description  TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L402 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR19L402 Datasheet HTML 6Page - Exar Corporation XR19L402 Datasheet HTML 7Page - Exar Corporation XR19L402 Datasheet HTML 8Page - Exar Corporation XR19L402 Datasheet HTML 9Page - Exar Corporation XR19L402 Datasheet HTML 10Page - Exar Corporation XR19L402 Datasheet HTML 11Page - Exar Corporation XR19L402 Datasheet HTML 12Page - Exar Corporation XR19L402 Datasheet HTML 13Page - Exar Corporation XR19L402 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
XR19L402
10
TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
REV. 1.0.3
voltage at the pin should be 3.3V when an external clock is supplied. For programming details, see
“Programmable Baud Rate Generator.”
FIGURE 5. TYPICAL CRYSTAL CONNECTIONS
C1
22-47pF
C2
22-47pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500K - 1M
XTAL1
XTAL2
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins. When VCC = 5V, the on-chip oscillator
can operate with a crystal whose frequency is not greater than 24 MHz. On the other hand, the L402 can
accept an external clock of up to 64 MHz at XTAL1 pin which results in a maximum data rate of 8 Mbps. For
further reading on the oscillator circuit please see DAN108 on EXAR’s web site at http://www.exar.com.
2.9
Programmable Baud Rate Generator with Fractional Divisor
Each UART has its own Baud Rate Generator (BRG) with a prescaler for the transmitter and receiver. The
prescaler is controlled by a software bit in the MCR register. The MCR register bit-7 sets the prescaler to divide
the input crystal or external clock by 1 or 4. The output of the prescaler clocks to the BRG. The BRG further
divides this clock by a programmable divisor between 1 and (216 - 0.0625) in increments of 0.0625 (1/16) to
obtain a 16X or 8X sampling clock of the serial data rate. The sampling clock is used by the transmitter for data
bit shifting and receiver for data sampling. The BRG divisor (DLL, DLM and DLD registers) defaults to the value
of ’1’ (DLL = 0x01, DLM = 0x00 and DLD = 0x00) upon reset. Therefore, the BRG must be programmed during
initialization to the operating data rate. The DLL and DLM registers provide the integer part of the divisor and
the DLD register provides the fractional part of the dvisior. Only the four lower bits of the DLD are implemented
and they are used to select a value from 0 (for setting 0000) to 0.9375 or 15/16 (for setting 1111). Programming
the Baud Rate Generator Registers DLL, DLM and DLD provides the capability for selecting the operating data
rate. Table 5 shows the standard data rates available with a 24MHz crystal or external clock at 16X clock rate.
If the pre-scaler is used (MCR bit-7 = 1), the output data rate will be 4 times less than that shown in Table 5. At
8X sampling rate, these data rates would double. Also, when using 8X sampling mode, please note that the bit-
time will have a jitter (+/- 1/16) whenever the DLD is non-zero and is an odd number. When using a non-
standard data rate crystal or external clock, the divisor value can be calculated with the following equation(s):
Required Divisor (decimal) = (XTAL1 clock frequency / prescaler) / (serial data rate x 16), with 16X mode EMSR[7] = 1
Required Divisor (decimal) = (XTAL1 clock frequency / prescaler / (serial data rate x 8), with 8X mode EMSR[7] = 0


Similar Part No. - XR19L402

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L402 EXAR-XR19L402 Datasheet
1Mb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L402IL48 EXAR-XR19L402IL48 Datasheet
1Mb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results

Similar Description - XR19L402

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L402 EXAR-XR19L402 Datasheet
1Mb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L400 EXAR-XR19L400_09 Datasheet
943Kb / 46P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L202IL48-0B EXAR-XR19L202IL48-0B Datasheet
960Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202 EXAR-XR19L202 Datasheet
942Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L222 EXAR-XR19L222 Datasheet
997Kb / 53P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L212 EXAR-XR19L212 Datasheet
980Kb / 52P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L200 EXAR-XR19L200 Datasheet
726Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210 Datasheet
780Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L200 EXAR-XR19L200_07 Datasheet
734Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com